Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX16541
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16541 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX16541 Datasheet HTML 1Page - STMicroelectronics 74LCX16541 Datasheet HTML 2Page - STMicroelectronics 74LCX16541 Datasheet HTML 3Page - STMicroelectronics 74LCX16541 Datasheet HTML 4Page - STMicroelectronics 74LCX16541 Datasheet HTML 5Page - STMicroelectronics 74LCX16541 Datasheet HTML 6Page - STMicroelectronics 74LCX16541 Datasheet HTML 7Page - STMicroelectronics 74LCX16541 Datasheet HTML 8Page - STMicroelectronics 74LCX16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2003
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 4.1 ns (MAX.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
AND OUPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.5V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16541
s
IMPROVED LATCH-UP IMMUNITY
s
ESD PERFORMANCE:
HBM>2000V(MIL STD 883 method 3015);
MM>200V
DESCRIPTION
The 74LCX16541 is an advanced high-speed
CMOS 16-BIT BUS BUFFER (3-STATE) fabricat-
ed with sub-micron silicon gate and double-layer
metal wiring C2MOS tecnology.
This is composed of two 8-bit sections with
separate output-enable signals. For either 8-bit
buffers section, the
3 STATE control gate
operates as a two input AND such that if either
nG1 and nG2 are high, all outputs are in the high
impedence state. This device is designed to be
used with 3 state memory address driveres, etc.
It hase same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power con-
sumption.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74LCX16541
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)
WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74LCX16541TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74LCX16541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16543 FAIRCHILD-74LCX16543 Datasheet
94Kb / 9P
Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16543 ONSEMI-74LCX16543 Datasheet
199Kb / 11P
Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Fairchild Semiconductor
74LCX16543MEA FAIRCHILD-74LCX16543MEA Datasheet
94Kb / 9P
Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16543MEA ONSEMI-74LCX16543MEA Datasheet
199Kb / 11P
Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Fairchild Semiconductor
74LCX16543MTD FAIRCHILD-74LCX16543MTD Datasheet
94Kb / 9P
Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX16541

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
13-May-1997
logo
STMicroelectronics
74LVX16244 STMICROELECTRONICS-74LVX16244 Datasheet
216Kb / 10P
16-BIT BUS BUFFER (NON INVERTED) WITH 3-STATE OUTPUTS, 5V TOLERANT INPUT
Feb-2003
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
02-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com