Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16541 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX16541
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16541 Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX16541 Datasheet HTML 1Page - STMicroelectronics 74LCX16541 Datasheet HTML 2Page - STMicroelectronics 74LCX16541 Datasheet HTML 3Page - STMicroelectronics 74LCX16541 Datasheet HTML 4Page - STMicroelectronics 74LCX16541 Datasheet HTML 5Page - STMicroelectronics 74LCX16541 Datasheet HTML 6Page - STMicroelectronics 74LCX16541 Datasheet HTML 7Page - STMicroelectronics 74LCX16541 Datasheet HTML 8Page - STMicroelectronics 74LCX16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LCX16541
4/9
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (CL =50pF, RL = 500 Ω, Input tr =tf = 2.5ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.7 to 3.6
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
V
VOH
High Level Output
Voltage
2.7 to 3.6
IO=-100 µAVCC-0.2
VCC-0.2
V
2.7
IO=-12 mA
2.2
2.2
3.0
IO=-12 mA
2.4
2.4
3.0
IO=-24 mA
2.2
2.2
VOL
Low Level Output
Voltage
2.7 to 3.6
IO=100 µA
0.2
0.2
V
2.7
IO=12 mA
0.4
0.4
3.0
IO=24 mA
0.55
0.55
IOZ
High Impedance
Output Leakage
Current
2.7 to 3.6
VI = 0 to 5.5V
± 5
± 5
µA
II
Input Leakage
Current
2.7 to 3.6
VI = 0 to 5.5V
± 5
± 5
µA
Ioff
Power Off Leakage
Current
0VI or VO =5.5V
10
10
µA
ICC
Quiescent Supply
Current
2.7 to 3.6
VI =VCC or GND
20
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
-40 to 85°C
-55 to 125°C
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
AtoY
2.7
1.5
4.7
1.5
4.7
ns
3.0 to 3.6
1.5
4.1
1.5
4.1
tPZL tPZH Output Enable Time
2.7
1.5
5.8
1.5
5.8
ns
3.0 to 3.6
1.5
4.6
1.5
4.6
tPLZ tPHZ Output Disable Time
2.7
1.5
6.2
1.5
6.2
ns
3.0 to 3.6
1.5
5.8
1.5
5.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com