Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16541 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX16541
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16541 Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX16541 Datasheet HTML 1Page - STMicroelectronics 74LCX16541 Datasheet HTML 2Page - STMicroelectronics 74LCX16541 Datasheet HTML 3Page - STMicroelectronics 74LCX16541 Datasheet HTML 4Page - STMicroelectronics 74LCX16541 Datasheet HTML 5Page - STMicroelectronics 74LCX16541 Datasheet HTML 6Page - STMicroelectronics 74LCX16541 Datasheet HTML 7Page - STMicroelectronics 74LCX16541 Datasheet HTML 8Page - STMicroelectronics 74LCX16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LCX16541
5/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500 Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VI =0V orVCC
4pF
COUT
Output Capacitance
3.3
VI =0V orVCC
10
pF
CPD
Power Dissipation Capacitance
(note 1) Output enabled
2.5
fIN = 10MHz
VI =0V orVCC
45
pF
3.3
50
Power Dissipation Capacitance
(note 1) Output disabled
2.5
fIN = 10MHz
VI =0V orVCC
3pF
3.3
4
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ
2VCC
tPZH,tPHZ
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com