Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1925 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 24Page - Maxim Integrated Products DS1925 Datasheet HTML 25Page - Maxim Integrated Products DS1925 Datasheet HTML 26Page - Maxim Integrated Products DS1925 Datasheet HTML 27Page - Maxim Integrated Products DS1925 Datasheet HTML 28Page - Maxim Integrated Products DS1925 Datasheet HTML 29Page - Maxim Integrated Products DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
The DS1925 uses a control function command to stop
a mission. Only a mission that is in progress can be
stopped. After the strong pullup, an FFh dummy byte is
then read followed by a repeating result byte. If pass-
words are enabled and the transmitted password is differ-
ent from the stored full-access password, the XPC Stop
Mission command fails. If the password was correct or if
passwords were not enabled, the device clears the MIP bit
in the General Status register and restores write access
to the register pages. The Mission Backup Registers are
written on a XPC Stop Mission command. See Figure 15.
XPC Read Memory [44h]
The XPC Read Memory command is a subcommand of
the external power command. The command is applicable
to the entire user memory and the datalog memory. The
command can be used at any time, regardless of the bat-
tery status.
The bus master sends the XPC command code [66h],
length byte [0Bh], XPC Read Memory command code
[44h], TA1 address byte, and TA2 address byte. Next,
the master must transmit one of the 64-bit passwords fol-
lowed by release bytes [FFh], and strong pullup and delay
of tSTD. If passwords are enabled and the transmitted
password does not match one of the stored passwords,
the XPC Read Memory command fails. The device reads
the invalid password repeat byte instead of data memory.
If the password was correct or if passwords were not
enabled, the master reads data from the DS1925 begin-
ning from the starting address and continuing until the end
of the block is reached. Block size is determined by the
upper bits of TA2 as described below. At that point, the
bus master sends 16 additional read data time slots and
receives the inverted 16-bit CRC. Immediately following
the CRC, the master can issue another release byte, and
strong pullup and delay of tSTD to read the next block.
This sequence continues until the bus master resets the
device. When trying to read the passwords or memory
areas that are marked as reserved, the DS1925 transmits
00h or FFh bytes. The CRC at the end of a block is based
on the data as it was transmitted.
With the initial pass through the XPC Read Memory flow,
the 16-bit CRC value is the result of shifting the XPC
command byte, length byte, XPC Read Memory sub-com-
mand, followed by the two address bytes and the 8 bytes
of password. Subsequent passes through the flow gener-
ate a 16-bit CRC that is the result of clearing the CRC
generator and then shifting in the contents of the data
memory page. After the 16-bit CRC of the last block is
read, the bus master receives logical 1s from the DS1925
until a reset pulse is issued. The XPC Read Memory com-
mand sequence can be ended at any point by issuing a
reset pulse outside of the reserved strong pullup times.
To access the entire memory space, the two most sig-
nificant bits of TA2 can be used to change the address
encoding. Reference Figure 8 for target address bit map.
If T15 = 0, address (T14-T0) is used as a starting byte
address which is limited to 215. The following mode is
used to start at higher pages. If T15 = 1, address (T13-T0)
is used as a starting page number. In addition if the user
is reading the data-log memory, T14 = 1 increases the
block size to 64 bytes, or 2 pages. The T14 = 1 large block
mode is only available for the datalog memory space.
The Mission Backup Register backup copies are written
when the last mission was started. Not all of the fields are
backed up. The only fields that are valid in this condition
are: sample rate (0206h to 0207h), temperature alarm
(0208h to 0209h), temperature alarm enable (0210h), RTC
enable (0212h), miscellaneous control (0213h), start delay
counter (0216h to 0218h), mission time stamp (0219h to
021Ch), mission sample counter (0220h to 0222h), and
device samples counter (0223h to 0225h). To compute the
new mission sample counter and device sample counter
at the time the battery depleted, the log must be read. The
end of long can be determined when the readings are FFh.
See Figure 15.
XPC Clear Memory [96h]
The XPC Clear Memory command is used to prepare the
device for another mission by clearing the log or to clear the
user memory. This command is only executed to clear the
log memory if no mission is in progress. XPC clear memory
is a subcommand to the general-purpose XPC command
66h. The XPC command (66h) is sent first, followed by a
length byte (0Ah), the subcommand (96h), the parameter
byte 00h for user memory or 01h for log memory, and then
the password. After that the device responds with a CRC-
16 of the preceding bytes. After this sequence the master
sends an FFh release byte followed by a strong pullup and
delay (tLSTD for user memory and tCML for log memory).
If passwords are enabled and the transmitted password
is different from the stored full-access password or a mis-
sion is in progress, the XPC Clear Memory command fails.
The success or failure of the command is indicated by the
repeat byte that is read after the strong pullup delay. If the
password was correct or if passwords were not enabled
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com