| Electronic Components Datasheet Search |
|
DS1925 Datasheet(PDF) 40 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1925 Datasheet(HTML) 40 Page - Maxim Integrated Products |
|
40 / 46 page ![]() DS1925 iButton High-Capacity Temperature Logger with 122KB Data-Log Memory www.maximintegrated.com Maxim Integrated │ 40 Command-Specific 1-Wire Communication Protocol—Legend Command-Specific 1-Wire Communication Protocol—Color Codes SYMBOL DESCRIPTION RST 1-Wire reset pulse generated by master PD 1-Wire presence pulse generated by slave Select Command and data to satisfy the ROM function protocol WS Command “Write Scratchpad” RS Command “Read Scratchpad” CPS Command “XPC Copy Scratchpad” CM Command “XPC Clear Memory” FC Command “XPC Forced Conversion” SM Command “XPC Start Mission” STP Command “XPC Stop Mission” XPC Command “External Power Command” RR Command “XPC Read Memory” RB Command “XPC Read Battery Voltage” TA Target Address TA1, TA2 TA-E/S Target Address TA1, TA2 with E/S byte <data to EOS> Transfer of as many data bytes as are needed to reach the scratchpad offset 1Fh <data to EOP> Transfer of as many data bytes as are needed to reach the end of a memory page <data to EOM> Transfer of as many data bytes as are needed to reach the end of the data-log memory <PW/dummy> Transfer of 8 bytes that either represent a valid password or acceptable dummy data <32 bytes> Transfer of 32 bytes <data> Transfer of an undetermined amount of data FFh Transmission of one byte FFh CRC16 Transfer of an inverted CRC-16 FF loop Indefinite loop where the master reads FF bytes AA loop Indefinite loop where the master reads AA bytes MASTER TO SLAVE SLAVE TO MASTER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |