| Electronic Components Datasheet Search |
|
DS1925 Datasheet(PDF) 37 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1925 Datasheet(HTML) 37 Page - Maxim Integrated Products |
|
37 / 46 page ![]() The sum of tRL + δ (rise time) on one side and the internal timing generator of the DS1925 on the other side define the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line. For most reliable communication, tRL should be as short as permissible and the master should read close to but no later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient recovery time tREC for the DS1925 to get ready for the next time slot. CRC Generation With the DS1925 there are two different types of CRCs (cyclic redundancy checks). One CRC is an 8-bit type and is stored in the most significant byte of the 64-bit ROM. The bus master can compute a CRC value from the first 56 bits of the 64-bit ROM and compare it to the value stored within the DS1925 to determine if the ROM data has been received error-free. The equivalent polynomial function of this CRC is X8 + X5 + X4 + 1. This 8-bit CRC is received in the true (noninverted) form. It is computed at the factory and lasered into the ROM. The other CRC is a 16-bit type, generated according to the standardized CRC-16 polynomial function x16 + x15 + x2 + 1. This CRC is used for error detection when read- ing register pages or the data-log memory using the XPC Read Memory command and for fast verification of a data transfer when writing to or reading from the scratchpad. In contrast to the 8-bit CRC, the 16-bit CRC is always communicated in the inverted form. A CRC-generator inside the DS1925 (Figure 14) calculates a new 16-bit CRC as shown in Figure 9. The bus master compares the CRC value read from the device to the one it calculates from the data and decides whether to continue with an operation or to reread the portion of the data with the CRC error. With the initial pass through the XPC Read Memory flowchart, the 16-bit CRC value is the result of shifting the command byte into the cleared CRC generator, followed by the two address bytes and the data bytes. The pass- word is excluded from the CRC calculation. Subsequent passes through the XPC Read Memory flowchart gener- ate a 16-bit CRC that is the result of clearing the CRC generator and then shifting in the data bytes. With the Write Scratchpad command, the CRC is gener- ated by first clearing the CRC generator and then shifting in the command code, the target addresses TA1 and TA2, and all the data bytes. The DS1925 transmits this CRC only if the data bytes written to the scratchpad include scratchpad ending offset 11111b. The data can start at any location within the scratchpad. With the Read Scratchpad command, the CRC is gener- ated by first clearing the CRC generator and then shifting in the command code, the target addresses TA1 and TA2, the E/S byte, and the scratchpad data starting at the target address. The DS1925 transmits this CRC only if the reading continues through the end of the scratchpad, regardless of the actual ending offset. For more informa- tion on generating CRC values, refer to Application Note 27: Understanding and Using Cyclic Redundancy Checks with Maxim 1-Wire and iButton Products. Figure 14. CRC-16 Hardware Description and Polynomial DS1925 iButton High-Capacity Temperature Logger with 122KB Data-Log Memory www.maximintegrated.com Maxim Integrated │ 37 X11 12th STAGE 13th STAGE 14th STAGE 15th STAGE 16th STAGE X12 X13 X14 X15 X16 CRC OUTPUT INPUT DATA X8 9th STAGE 10th STAGE 11th STAGE X9 X10 1st STAGE 2nd STAGE 3rd STAGE X0 X1 X2 POLYNOMIAL = X16 + X15 + X2 + 1 X4 5th STAGE 6th STAGE 7th STAGE 8th STAGE X5 X6 X7 4th STAGE X3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |