Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) LP3971 Datasheet HTML 24Page - National Semiconductor (TI) LP3971 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
I
2C Register Definitions (Continued)
SYSTEM CONTROL REGISTER (SCR2) 8h’0E
Bit
7
6
5
4
3210
Designation
BBCS
SEB2
BPTR
WUP3_
sense
GPIO2
GPIO1
Reset Value
1
0
0
1
0000
SYSTEM CONTROL REGISTER (SCR2) 8h’0E DEFINITIONS
Bit
Access
Name
Description
7
R/W
BBCS
Sets GPIO1 as control input for Back Up battery charger
0 = Back Up battery Charger GPIO Disabled
1 = Back Up battery Charger GPIO Pin Enabled
6
R/W
SEB2
PWR_EN soft Low voltage Supply Enabled OR’ed with PWR_EN Pin
0 = Low voltage Supply Output Enabled
1 = Low voltage Supply Output Disabled
5
R/W
BPTR
Bypass RTC_LDO Output Voltage to LDO1 Output Voltage Tracking
0 = Disabled RTC_LDO1 Tracking enabled
1 = Enabled RTC-LDO1 Tracking disabled
4
R/W
WUP3_
sense
Spare Wakeup control input
0 = Active High
1 = Active Low
3:2
R/W
GPIO2
Configure direction and output sense of GPIO2 Pin
Data Code
GPIO2
2h’00
Hi-Z
2h’01
Output Low
2h’02
Input
2h’03
Output high
1:0
R/W
GPIO1
Configure direction and output sense of GPIO1 Pin
Data Code
GPIO1
2h’00
Hi-Z
2h’01
Output Low
2h’02
Input
2h’03
Output high
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com