Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3971 Datasheet HTML 1Page - National Semiconductor (TI) LP3971 Datasheet HTML 2Page - National Semiconductor (TI) LP3971 Datasheet HTML 3Page - National Semiconductor (TI) LP3971 Datasheet HTML 4Page - National Semiconductor (TI) LP3971 Datasheet HTML 5Page - National Semiconductor (TI) LP3971 Datasheet HTML 6Page - National Semiconductor (TI) LP3971 Datasheet HTML 7Page - National Semiconductor (TI) LP3971 Datasheet HTML 8Page - National Semiconductor (TI) LP3971 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Pin Descriptions
Pin #
Name
I/O
Type
Description
1
PWR_ON
I
D
CPU Wakeup input
2
nTEST_JIG
I
D
CPU Wakeup input
3
SPARE
I
D
CPU Wakeup input
4
EXT_WAKEUP
O
D
CPU Wakeup output
5
FB1
I
A
Buck1 Feedback
6V
IN
I
P
Battery Input (Internal circuitry and LDO1–3 power input)
7V
OUT LDO1
O
P
LDO1 output
8V
OUT LDO2
O
P
LDO2 output
9
nRSTI
I
D
Reset Input
10
GND1
G
G
Ground
11
V
REF
O
A
Bypass Cap. for reference
12
V
OUT LDO3
O
P
LDO3 output
13
V
OUT LDO4
O
P
LDO4 output
14
V
IN LDO4
I
P
Input power for LDO4
15
V
IN BUBATT
I
P
Back Up Battery input
16
V
OUT LDO_RTC
O
P
LDO_RTC output
17
nBATT_FLT
O
D
Main Battery fault output
18
PGND2
G
G
Buck2 NMOS Power Ground
19
SW2
O
P
Buck2 Output
20
V
IN Buck2
I
P
Buck2 battery input
21
SDA
I/O
D
I
2C Data
22
SCL
I
D
I
2C Clock
23
FB2
I
A
Buck2 Feedback
24
nRSTO
O
D
Reset output
25
V
OUT LDO5
O
P
LDO5 output
26
V
IN LDO5
I
P
Input power for LDO5
27
VDDA
I
P
Analog Power
28
FB3
I
A
Buck3 Feedback
29
GPIO1/nCHG_EN
I/O
D
General Purpose I/O/Ext. backup battery charger enable
30
GPIO2
I/O
D
General Purpose I/O
31
V
IN Buck3
I
P
Buck3 battery input
32
SW3
O
P
Buck3 Output
33
PGND3
G
G
Buck3 NMOS Power Ground
34
BGND1,2,3
G
G
Bucks 1, 2 and 3 analog Ground
35
SYNC
I
D
Bucks external clock input
36
SYS_EN
I
D
High voltage domain enable
37
PWR_EN
I
D
Low Voltage domain enable
38
PGND1
G
G
Buck1 NMOS Power Ground
39
SW1
O
P
Buck1 Output
40
V
IN Buck1
I
P
Buck1 battery input
A: Analog Pin
D: Digital Pin
G: Ground Pin
P: Power Pin
I: Input Pin
I/O: Input/Output Pin
O: Output Pin
Note: In this document active low logic items are prefixed with a lowercase “n”
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com