Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 34Page - National Semiconductor (TI) LP3971 Datasheet HTML 35Page - National Semiconductor (TI) LP3971 Datasheet HTML 36Page - National Semiconductor (TI) LP3971 Datasheet HTML 37Page - National Semiconductor (TI) LP3971 Datasheet HTML 38Page - National Semiconductor (TI) LP3971 Datasheet HTML 39Page - National Semiconductor (TI) LP3971 Datasheet HTML 40Page - National Semiconductor (TI) LP3971 Datasheet HTML 41Page - National Semiconductor (TI) LP3971 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Application Hints (Continued)
Because these two components are out of phase the rms
value can be used to get an approximate value of peak-to-
peak ripple.
Voltage peak-to-peak ripple, root mean squared can be ex-
pressed as follows
Note that the output voltage ripple is dependent on the
inductor current ripple and the equivalent series resistance
of the output capacitor (R
ESR).
The R
ESR is frequency dependent (as well as temperature
dependent); make sure the value used for calculations is at
the switching frequency of the part.
TABLE 2. Suggested Capacitor and their Suppliers
Model
Type
Vendor
Voltage
Case Size
Inch (mm)
10 µF
GRM21BR60J106K
Ceramic, X5R
Murata
6.3V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805 (2012)
Board Layout Considerations
PC board layout is an important part of DC-DC converter
design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces.
These can send erroneous signals to the DC-DC converter
IC, resulting in poor regulation or instability.
Good layout for the converters can be implemented by fol-
lowing a few simple design rules.
1.
Place the converters, inductor and filter capacitors close
together and make the traces short. The traces between
these components carry relatively high switching cur-
rents and act as antennas. Following this rule reduces
radiated noise. Special care must be given to place the
input filter capacitor very close to the V
IN and GND pin.
2.
Arrange the components so that the switching current
loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor
through the converter and inductor to the output filter
capacitor and back through ground, forming a current
loop. In the second half of each cycle, current is pulled
up from ground through the converter by the inductor to
the output filter capacitor and then back through ground
forming a second current loop. Routing these loops so
the current curls in the same direction prevents mag-
netic field reversal between the two half-cycles and re-
duces radiated noise.
3.
Connect the ground pins of the converter and filter ca-
pacitors together using generous component-side cop-
per fill as a pseudo-ground plane. Then, connect this to
the ground-plane (if one is used) with several vias. This
reduces ground-plane noise by preventing the switching
currents from circulating through the ground plane. It
also reduces ground bounce at the converter by giving it
a low-impedance ground connection.
4.
Use wide traces between the power components and for
power connections to the DC-DC converter circuit. This
reduces voltage errors caused by resistive losses across
the traces.
5.
Route noise sensitive traces, such as the voltage feed-
back path, away from noisy traces between the power
components. The voltage feedback trace must remain
close to the converter circuit and should be direct but
should be routed opposite to noisy components. This
reduces EMI radiated onto the DC-DC converter’s own
voltage feedback trace. A good approach is to route the
feedback trace on another layer and to have a ground
plane between the top layer and layer on which the
feedback trace is routed. In the same manner for the
adjustable part it is desired to have the feedback divid-
ers on the bottom layer.
6.
Place noise sensitive circuitry, such as radio RF blocks,
away from the DC-DC converter, CMOS digital blocks
and other noisy circuitry. Interference with noise-
sensitive circuitry in the system can be reduced through
distance.
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com