Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1968CMS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1968CMS8
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968CMS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1968CMS8 Datasheet HTML 20Page - Linear Technology LTC1968CMS8 Datasheet HTML 21Page - Linear Technology LTC1968CMS8 Datasheet HTML 22Page - Linear Technology LTC1968CMS8 Datasheet HTML 23Page - Linear Technology LTC1968CMS8 Datasheet HTML 24Page - Linear Technology LTC1968CMS8 Datasheet HTML 25Page - Linear Technology LTC1968CMS8 Datasheet HTML 26Page - Linear Technology LTC1968CMS8 Datasheet HTML 27Page - Linear Technology LTC1968CMS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1968
1968f
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0604 1K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1077
Micropower, Single Supply Precision Op Amp
48µA IS, 60µV VOS(MAX), 450pA IOS(MAX)
LT1175-5
Negative, –5V Fixed, Micropower LDO Regulator
45µA IQ, Available in SO-8 or SOT-223
LT1494
1.5µA Max, Precision Rail-to-Rail I/O Op Amp
375µV VOS(MAX), 100pA IOS(MAX)
LT1782
General Purpose SOT-23 Rail-to-Rail Op Amp
40µA IS, 800µV VOS(MAX), 2nA IOS(MAX)
LT1880
SOT-23 Rail-to-Rail Output Precision Op Amp
1.2mA IS, 150µV VOS(MAX), 900pA IOS(MAX)
LTC2054
Zero Drift Op Amp in SOT-23
150µA IS, 3µV VOS(MAX), 150pA IB(MAX)
LT2178/LT2178A
17µA Max, Single Supply Precision Dual Op Amp
14µA IS, 120µV VOS(MAX), 350pA IOS(MAX)
LTC1966
Precision Micropower ∆Σ RMS-to-DC Converter
155µA IS
LTC1967
Precision Extended Bandwidth RMS-to-DC Converter
320µA IS
LTC2402
2-Channel, 24-bit, Micropower, No Latency ∆Σ
TM ADC
200µA IS, 4ppm INL, 10ppm TUE
LTC2420
20-bit, Micropower, No Latency ∆Σ ADC in SO-8
200µA IS, 8ppm INL, 16ppm TUE
LTC2422
2-Channel, 20-bit, Micropower, No Latency ∆Σ ADC
Dual channel version of LTC2420
No Latency ∆Σ is a trademark of Linear Technology Corporation.
Audio Amplitude Compressor
TYPICAL APPLICATIO
–
+
–
+
8
7
9
2
1
14
R4
2.49k
R1
100k
VIN
R3
7.5k
R5
5.9k
R15
47Ω
VFS
R2
1k
C2
0.47µF
C1
47nF
13
A1
A2
V+
LT1256
V– V+
VOUT
C3
0.1µF
R13
3.3k
R14
3.3k
12
RFS
10
RC
5
VC
R6
2k
R10
200k
R12
1k
R9
10k
R8
15k
V+
LT1636
ATTENUATION CONTROL
GAIN OF 4
ATTENUATE
BY 1/4
V+
V–
R7
5.9k
3
C5
0.22µF
C4
1µF
LTC1968
1968 TA07
VDD
GND EN
VOUT
OUT RTN
IN1
IN2
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com