Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1968CMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1968CMS8
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968CMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1968CMS8 Datasheet HTML 1Page - Linear Technology LTC1968CMS8 Datasheet HTML 2Page - Linear Technology LTC1968CMS8 Datasheet HTML 3Page - Linear Technology LTC1968CMS8 Datasheet HTML 4Page - Linear Technology LTC1968CMS8 Datasheet HTML 5Page - Linear Technology LTC1968CMS8 Datasheet HTML 6Page - Linear Technology LTC1968CMS8 Datasheet HTML 7Page - Linear Technology LTC1968CMS8 Datasheet HTML 8Page - Linear Technology LTC1968CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1968
1968f
TYPICAL PERFOR A CE CHARACTERISTICS
Gain and Offset
vs Output Common Mode Voltage
Gain and Offset
vs Input Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1.0
2.0 2.5
5.0
4.5
1968 G01
–0.3
0.3
0.4
0.1
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–0.6
0.6
0.8
0.2
0.5
1.5
3.0 3.5 4.0
VIOS
VOOS
GAIN ERROR
50mV ≤ VIN ≤ 350mV
OUTPUT COMMON MODE VOLTAGE (V)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1.0
2.0 2.5
5.0
4.5
1968 G02
–0.3
0.3
0.4
0.1
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–0.6
0.6
0.8
0.2
0.5
1.5
3.0 3.5 4.0
VIOS
VOOS
GAIN ERROR
50mV ≤ VIN ≤ 350mV
Gain and Offset vs Temperature
Gain and Offset vs Supply Voltage
SUPPLY VOLTAGE (V)
4.5
0.1
0.3
0.5
5.7
1968 G03
–0.1
–0.3
0
0.2
0.4
–0.2
–0.4
–0.5
0.2
0
0.6
1.0
–0.2
–0.6
0.4
0.8
–0.4
–0.8
–1.0
4.8
5.1
5.4
6.0
VOOS
VIOS
GAIN ERROR
50mV ≤ VIN ≤ 350mV
TEMPERATURE (°C)
–40
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–15
10
85
1968 G04
–0.3
0.3
0.4
0.1
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–0.3
0.3
0.4
0.1
35
60
VIOS
VOOS
GAIN ERROR
50mV ≤ VIN ≤ 350mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com