Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1968CMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1968CMS8
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968CMS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1968CMS8 Datasheet HTML 1Page - Linear Technology LTC1968CMS8 Datasheet HTML 2Page - Linear Technology LTC1968CMS8 Datasheet HTML 3Page - Linear Technology LTC1968CMS8 Datasheet HTML 4Page - Linear Technology LTC1968CMS8 Datasheet HTML 5Page - Linear Technology LTC1968CMS8 Datasheet HTML 6Page - Linear Technology LTC1968CMS8 Datasheet HTML 7Page - Linear Technology LTC1968CMS8 Datasheet HTML 8Page - Linear Technology LTC1968CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1968
1968f
TYPICAL PERFOR A CE CHARACTERISTICS
Performance vs Large Crest Factor
AC Linearity
DC Linearity
Supply Current vs Supply Voltage
Supply Current vs Temperature
Power Supply and ENABLE Pin
Current vs ENABLE Voltage
Input Signal Bandwidth
vs RMS Value
Performance vs Crest Factor
ENABLE PIN VOLTAGE (V)
0
3.0
2.5
2.0
1.5
–0.5
1.0
0.5
0
–1.0
0
–100
100
IS
IEN
–200
200
–300
300
–400
35
1968 G11
12
46
Input Signal Bandwidth
CREST FACTOR
1
199.0
199.8
199.6
199.4
199.2
200.0
200.2
200.4
200.6
23
4
5
1kHz
10kHz
1968 G05
200.8
201.0
200mVRMS SCR WAVEFORMS
CAVE = 10µF
O.1%/DIV
60Hz
20Hz
CREST FACTOR
1
220
4
1968 G06
190
170
23
5
160
150
140
130
120
210
200
180
678
200mVRMS SCR WAVEFORMS
CAVE = 10µF
5%/DIV
60Hz
40kHz
10kHz
1kHz
20Hz
VIN1 (mV ACRMS)
0
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
400
60Hz
40kHz
1968 G07
100
200
300
500
SINEWAVES
CAVE = 10µF
VIN2 = MIDSUPPLY
VIN1 (mV)
–500
0.02
0.06
0.10
300
1968 G08
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
–300
–100
100
500
CAVE = 10µF
VIN2 = MIDSUPPLY
EFFECT OF OFFSETS
MAY BE POSITIVE OR
NEGATIVE AT VIN = 0V
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
23
4
1968 G09
56
2.5
TEMPERATURE (°C)
–55
2.30
2.32
2.36
2.38
2.40
–15
25
45
125
1968 G10
2.34
–35
5
65
85 105
2.44
2.42
INPUT SIGNAL FREQUENCY (Hz)
1k
10k
10
100
1000
100k
1M
10M
100M
1968 G12
–3dB
1% ERROR
1% ERROR
INPUT SIGNAL FREQUENCY (Hz)
100
190
192
194
196
198
1k
10k
100k
1M
10M
1968 G13
188
186
184
182
200
202
1%/DIV
CAVE = 10µF
VIN = 200mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com