Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC7300 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC7300 Datasheet HTML 2Page - Microchip Technology MIC7300 Datasheet HTML 3Page - Microchip Technology MIC7300 Datasheet HTML 4Page - Microchip Technology MIC7300 Datasheet HTML 5Page - Microchip Technology MIC7300 Datasheet HTML 6Page - Microchip Technology MIC7300 Datasheet HTML 7Page - Microchip Technology MIC7300 Datasheet HTML 8Page - Microchip Technology MIC7300 Datasheet HTML 9Page - Microchip Technology MIC7300 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MIC7300
DS20006305A-page 6
 2020 Microchip Technology Inc.
Output Swing
VOUT
—
0.3
1.0
mV
Output high, RL = 100 kΩ, specified
as VV+ – VOUT
—
—
1.5
mV
Output high, RL = 100 kΩ, specified
as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
0.3
1.0
mV
Output low, RL = 100 kΩ
—
—
1.5
mV
Output low, RL = 100 kΩ, –40°C ≤ TJ
≤ +85°C
—
15
50
mV
Output high, RL = 2 kΩ, specified as
VV+ – VOUT
—
—
75
mV
Output high, RL = 2 kΩ, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
15
50
mV
Output low, RL = 2 kΩ
—
—
75
mV
Output low, RL = 2 kΩ, –40°C ≤ TJ ≤
+85°C
—
50
165
mV
Output high, RL = 600Ω, specified as
VV+ – VOUT
—
—
250
mV
Output high, RL = 600Ω, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
50
165
mV
Output low, RL = 600Ω
—
—
250
mV
Output low, RL = 600Ω, –40°C ≤ TJ ≤
+85°C
Output Short Circuit Current
ISC
85
105
—
mA
Sinking or sourcing (Note 2)
Supply Current
IS
—
1.0
2.8
mA
VOUT = V+/2
Note 1: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of
the VCM range. The measurement points are: VV–, (VV+ – VV–)/2, and VV+.
2: Continuous short circuit may exceed absolute maximum TJ under some conditions.
AC ELECTRICAL CHARACTERISTICS (5V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +5.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C, Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Total Harmonic Distortion
THD
—
0.05
—
%
f = 1 kHz, AV = –2, RL = 2 kΩ, VOUT =
4.0VPP
Slew Rate
SR
—
0.5
—
V/
s
—
Gain-Bandwidth Product
GBWP
—
0.4
—
MHz
—
Phase Margin
m
—
85
—
°
CL = 0 pF
—
40
—
°
CL = 4500 pF
Gain Margin
Gm
—
10
—
dB
—
Note 1: All limits guaranteed by testing or statistical analysis.
DC ELECTRICAL CHARACTERISTICS (5.0V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +5.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com