Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC7300 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 1 Page - Microchip Technology

  MIC7300 Datasheet HTML 1Page - Microchip Technology MIC7300 Datasheet HTML 2Page - Microchip Technology MIC7300 Datasheet HTML 3Page - Microchip Technology MIC7300 Datasheet HTML 4Page - Microchip Technology MIC7300 Datasheet HTML 5Page - Microchip Technology MIC7300 Datasheet HTML 6Page - Microchip Technology MIC7300 Datasheet HTML 7Page - Microchip Technology MIC7300 Datasheet HTML 8Page - Microchip Technology MIC7300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006305A-page 1
MIC7300
Features
• Small Footprint SOT-23-5 and Power MSOP-8
Packages
• >80 mA Peak Output Sink and Source with 5V
Supply
• Drives Large Capacitive Loads (6000 pF with 10V
Supply)
• Guaranteed 2.2V, 3V, 5V, and 10V Performance
• 500 kHz Gain-Bandwidth Product
• 0.01% Total Harmonic Distortion at 1 kHz (10V,
2 kΩ)
•1 mA Typical Power Supply Current at 5V
Applications
• Battery-Powered Instrumentation
•
PCMCIA, USB Peripherals
• Portable Computers and PDAs
General Description
The
MIC7300
is
a
high-performance
CMOS
operational amplifier featuring rail-to-rail input and
output with strong output drive capability. It is able to
source and sink in excess of 80 mA into large
capacitive loads.
The input common-mode range extends beyond the
rails by 300 mV, and the output voltage typically swings
to within 150 μV of both rails when driving a 100 kΩ
load.
The amplifier operates from 2.2V to 10V and is fully
specified at 2.2V, 3V, 5V, and 10V. Gain bandwidth and
slew rate are 500 kHz and 0.5 V/μs, respectively.
The MIC7300 is available in the IttyBitty SOT-23-5
package
for
space-conscious
circuits
and
in
high-power MM8 8-lead MSOP for improved heat
dissipation in higher power applications.
Package Types
MIC7300
MSOP-8 (MM)
(Top View)
MIC7300
SOT-23-5 (M5)
(Top View)
1
2
3
4
8
7
6
5
V–
V–
V–
V–
V+
IN–
IN+
OUT
OUT
V–
IN–
IN+
1
3
45
2
V+
MIC7300
Functional
Configuration
OUT
V–
IN–
IN+
1
3
45
2
V+
A17
Part
Identification
High-Output Drive Rail-to-Rail Op Amp


Similar Part No. - MIC7300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
MIC7300BM5 MICREL-MIC7300BM5 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
MIC7300BM5 MICREL-MIC7300BM5 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
MIC7300BMM MICREL-MIC7300BMM Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
MIC7300BMM MICREL-MIC7300BMM Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
More results

Similar Description - MIC7300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
logo
Maxim Integrated Produc...
MAX4369 MAXIM-MAX4369 Datasheet
327Kb / 11P
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
Rev 0; 4/02
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com