Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR50M-R300-UEP-V1 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OMR50M-R300-UEP-V1
Description  Measuring sensor with multiple switch points
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMR50M-R300-UEP-V1 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OMR50M-R300-UEP-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OMR50M-R300-UEP-V1
3
Intended Use
Mounting instructions:
The sensor can be mounted directly with thru-holes or by using a fixing bracket or mounting clamp (not included in the scope of delivery).
Ensure that the surface is level in order to prevent the housing from becoming distorted when the fittings are tightened. It is advisable to secure
the nuts and screws to prevent the sensor from being misaligned.
Connection:
Connect the device as set out in the connection diagram.
Adjustment:
The green LED lights up when the operating voltage is applied.
Adjust the sensor so that the light spot is on the center of the reflector.
Installation Note
A pressure equalization membrane is fitted on the sensor nameplate.
When mounting, make sure that the pressure equalization membrane is not sealed off.
Teach-in
Use the rotary switch for switching signal Q1 to select the relevant switching threshold
A and/or B to teach in.
The yellow LEDs indicate the current state of the selected output.
To teach in a switching threshold, press and hold the "SET" button until the yellow and green LEDs flash in phase (approx. 1 s). Teach-in starts
when the "SET" button is released.
Successful Teach-in is indicated by the yellow and green LEDs flashing alternately (2.5 Hz). An unsuccessful Teach-in is indicated by the yellow
and green LEDs rapidly flashing alternately (8 Hz).
After an unsuccessful Teach-in, the sensor continues to operate with the previous valid setting after the relevant visual fault signal is issued.
Different switching modes can be defined by teaching in the relevant distance data for switching thresholds A and B.
Single-point operation:
Window operation:
Every taught-in switching threshold can be retaught (overwritten) by pressing the "SET" button again.
A taught-in value can be reset by pressing the "SET" button for > 4 s. The yellow and green LEDs go out simultaneously to indicate that this
procedure has been completed. The reset process starts when the "SET" button is released. A successful reset is indicated by the yellow and
green LEDs flashing alternately (2.5 Hz).The minimum and maximum values for analog output Q2 are taught in in the same way as for the
switching output:
The following values apply:
A = 0 V
B = 10 V
Curves/Diagrams
Reflector type
Reflector-dependent effective operating distances
Distance X [m]
H160
OFR-100/100
H50
C110
H100
OFR-500/500
3 x H100
0
5
10
15
20
25
30
35
40
45
50
50 m
35 m
28 m
25 m
20 m
0.2 m
50 m
0.2 m
0.2 m
0.2 m
0.2 m
0.2 m
9 m
0.2 m
B
A leer
A
B leer
BA
A > B
AB
B > A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com