Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR50M-R300-UEP-V1 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OMR50M-R300-UEP-V1
Description  Measuring sensor with multiple switch points
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMR50M-R300-UEP-V1 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OMR50M-R300-UEP-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OMR50M-R300-UEP-V1
4
This provides three different options for operation:
A empty -> zero start point
Resetting to Factory Settings:
Factory settings can be restored by pressing the "SET" button for > 10 s with the rotary switch in the "Run" position. The yellow and green LEDs
go out simultaneously to indicate that this procedure has been completed. The reset starts when the "SET" button is released. The green LED
lights up to indicate that the reset has completed successfully. After completing the reset, the sensor will immediately function with the factory
settings.
A < B -> rising slope
A > B -> falling slope
0
10
AB
0
10
BA
0
10
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com