Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR50M-R300-UEP-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OMR50M-R300-UEP-V1
Description  Measuring sensor with multiple switch points
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMR50M-R300-UEP-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OMR50M-R300-UEP-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMR50M-R300-UEP-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Measuring sensor with multiple switch points
OMR50M-R300-UEP-V1
Dimensions
Electrical connection
Pinout
Indicators/operating means
23.8
ø 5.2
8
14.8
54.3
M12 x 1
25.8
U
L+
L-
Q1
1
4
3
2
1
3
4
2
1
BN
2
WH
3
BU
4
BK
Wire colors in accordance with EN 60947-5-2
(brown)
(white)
(blue)
(black)
1 Operating indicator
green
2 Signal indicator
yellow
3 Teach-in push button
4 Mode rotary switch
5 Emitter
6 Receiver
2
2
1
4
3
6
5
A
B Q1
A
B Q2
RUN
SET
Model Number
OMR50M-R300-UEP-V1
Distance sensor (PRT)
with 4-pin, M12 x 1 connector
Features
• Pulse Ranging Technology (PRT)
•Analog output 0 ... 10 V
• Good alignability due to red
transmission LED
• Reliable detection of reflecting metall
objects
Product information
The sensors in the R300 series represent a
versatile product line and adopt various
functional principles. All sensors operate
using proven Pulse Ranging Technology
(PRT) and are characterized by high sensing
ranges and detection ranges. Contained
within the compact housing of the 28 series
of light barriers, the R300 offers all of the
properties of PRT such as maximum
reliability when detecting objects and
immunity against ambient light and cross-
talk. To achieve this, the sensors in the R300
series make use of a number of different
kinds of measurement data. What's more,
the sensors are equipped with red light that is
safe for the human eye as standard, making
it easier to align the devices, even across
expansive work areas. These features,
combined with an innovative and intuitive
operating concept, provide solutions for
conventional automation tasks delivering the
highest level of performance.


Similar Part No. - OMR50M-R300-UEP-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OMR50M-R300-IEP-V1 PF-OMR50M-R300-IEP-V1 Datasheet
453Kb / 4P
Measuring sensor with multiple switch points
More results

Similar Description - OMR50M-R300-UEP-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OQT120-R103-2EP-IO-V31 PF-OQT120-R103-2EP-IO-V31 Datasheet
591Kb / 5P
Measuring sensor with multiple switch points
OQT120-R103-EP-IO-V3 PF-OQT120-R103-EP-IO-V3 Datasheet
603Kb / 5P
Measuring sensor with multiple switch points
OQT150-R100-2EP-IO PF-OQT150-R100-2EP-IO Datasheet
555Kb / 5P
Measuring sensor with multiple switch points
OQT150-R100-2EP-IO-V31-IR PF-OQT150-R100-2EP-IO-V31-IR Datasheet
613Kb / 5P
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO PF-OQT150-R101-2EP-IO Datasheet
598Kb / 5P
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO-IR PF-OQT150-R101-2EP-IO-IR Datasheet
628Kb / 5P
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO-V31-IR PF-OQT150-R101-2EP-IO-V31-IR Datasheet
657Kb / 5P
Measuring sensor with multiple switch points
OQT350-R200-2EP-IO-L PF-OQT350-R200-2EP-IO-L Datasheet
615Kb / 5P
Measuring sensor with multiple switch points
OQT120-R103-2EP-IO PF-OQT120-R103-2EP-IO Datasheet
563Kb / 5P
Measuring sensor with multiple switch points
OMD8000-R300-Y70105385 PF-OMD8000-R300-Y70105385 Datasheet
371Kb / 3P
Measuring sensor with multiple switch points
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com