Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX6D4AVT12AD Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCIMX6D4AVT12AD
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6D4AVT12AD Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCIMX6D4AVT12AD Datasheet HTML 49Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 50Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 51Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 52Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 53Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 54Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 55Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 56Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 170 page
background image
Electrical Characteristics
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 6, 11/2018
NXP Semiconductors
53
4.9
System Modules Timing
This section contains the timing and electrical parameters for the modules in each i.MX 6Dual/6Quad
processor.
4.9.1
Reset Timing Parameters
Figure 10 shows the reset timing and Table 38 lists the timing parameters.
Figure 10. Reset Timing Diagram
4.9.2
WDOG Reset Timing Parameters
Figure 11 shows the WDOG reset timing and Table 39 lists the timing parameters.
Figure 11. WDOG1_B Timing Diagram
NOTE
XTALOSC_RTC_XTALI is approximately 32 kHz.
XTALOSC_RTC_XTALI cycle is one period or approximately 30
μs.
NOTE
WDOG1_B output signals (for each one of the Watchdog modules) do not
have dedicated pins, but are muxed out through the IOMUX. See the IOMUX
manual for detailed information.
Table 38. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of SRC_POR_B to be qualified as valid
1
—
XTALOSC_RTC_ XTALI cycle
Table 39. WDOG1_B Timing Parameters
ID
Parameter
Min
Max
Unit
CC3
Duration of WDOG1_B Assertion
1
—
XTALOSC_RTC_ XTALI cycle
SRC_POR_B
CC1
(Input)
WDOG1_B
CC3
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com