Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 51 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 51 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 47Page - Dialog Semiconductor AT25DF641A Datasheet HTML 48Page - Dialog Semiconductor AT25DF641A Datasheet HTML 49Page - Dialog Semiconductor AT25DF641A Datasheet HTML 50Page - Dialog Semiconductor AT25DF641A Datasheet HTML 51Page - Dialog Semiconductor AT25DF641A Datasheet HTML 52Page - Dialog Semiconductor AT25DF641A Datasheet HTML 53Page - Dialog Semiconductor AT25DF641A Datasheet HTML 54Page - Dialog Semiconductor AT25DF641A Datasheet HTML 55Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
50
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
14.6 Program and Erase Characteristics
Notes: 1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
14.7 Power-Up Conditions
14.8 Input Test Waveforms and Measurement Levels
14.9 Output Test Load
Symbol
Parameter
Min
Typ
Max
Units
tPP(1)
Page Program Time (256 bytes)
2.5
6.0
ms
tBP
Byte Program Time
30
µs
tBLKE(1)
Block Erase Time
4KB
75
200
ms
32KB
300
600
64KB
600
1100
tCHPE(1)(2)
Chip Erase Time
70
150
sec
tSUSP
Program/Erase Suspend Time
Program
10
20
µs
Erase
25
40
tRES
Program/Erase Resume Time
Program
10
20
µs
Erase
12
20
tOTPP
(1)
OTP Security Register Program Time
200
500
µs
tWRSR(2)
Write Status Register Time
200
ns
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
70
µs
tPUW
Power-Up Device Delay Before Program or Erase Allowed
10
ms
VPOR
Power-On Reset Voltage
1.5
2.5
V
AC
Driving
Levels
AC
Measurement
Level
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
Device
Under
Test
15pF (frequencies above 70MHz)
or
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com