Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 50Page - Dialog Semiconductor AT25DF641A Datasheet HTML 51Page - Dialog Semiconductor AT25DF641A Datasheet HTML 52Page - Dialog Semiconductor AT25DF641A Datasheet HTML 53Page - Dialog Semiconductor AT25DF641A Datasheet HTML 54Page - Dialog Semiconductor AT25DF641A Datasheet HTML 55Page - Dialog Semiconductor AT25DF641A Datasheet HTML 56Page - Dialog Semiconductor AT25DF641A Datasheet HTML 57Page - Dialog Semiconductor AT25DF641A Datasheet HTML 58Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
55
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
17.2 8MA1 — 8-pad UDFN
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
8MA1
YFG
D
8MA1, 8-pad (5 x 6 x 0.6 mm Body), Thermally
Enhanced Plastic Ultra Thin Dual Flat No Lead
Package (UDFN)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.45
0.55
0.60
A1
0.00
0.02
0.05
b
0.35
0.40
0.48
C
0.152 REF
D
4.90
5.00
5.10
D2
3.80
4.00
4.20
E
5.90
6.00
6.10
E2
3.20
3.40
3.60
e
1.27
L
0.50
0.60
0.75
y
0.00
–
0.08
K
0.20
–
–
4/15/08
Pin 1 ID
TOP VIEW
E
D
A1
A
SIDE VIEW
y
C
BOTTOM VIEW
E2
D2
L
b
e
1
2
3
4
8
7
6
5
Pin #1 Notch
(0.20 R)
0.45
K
Pin #1
Chamfer
(C 0.35)
Option A
(Option B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com