Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2303 Datasheet(PDF) 67 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 67 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 62Page - Microchip Technology EMC2303 Datasheet HTML 63Page - Microchip Technology EMC2303 Datasheet HTML 64Page - Microchip Technology EMC2303 Datasheet HTML 65Page - Microchip Technology EMC2303 Datasheet HTML 66Page - Microchip Technology EMC2303 Datasheet HTML 67Page - Microchip Technology EMC2303 Datasheet HTML 68Page - Microchip Technology EMC2303 Datasheet HTML 69Page - Microchip Technology EMC2303 Datasheet HTML 70Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 67
EMC2301/2/3/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
EMC2301/2/3/5 - Single/Multiple RPM-Based PWM Fan
Controller
SMBus Address
1 - SMBus address is set at 0101_111r/w (EMC2301 only).
SMbus Address is set at 0101_110r/w (EMC2302 only).
SMBus Address is selectable (EMC2303 and EMC2305
only).
2 - SMBus address is set at 0101_111r/w (EMC2302 only).
Package Type
ACZL = Plastic Micro Small Outline Package (8-Lead MSOP)
AIZL = Plastic Micro Small Outline Package (10-Lead MSOP)
KP = Very Thin Plastic Quad Flat, No Lead Package (12-Lead
QFN)
AP = Very Thin Plastic Quad Flat, No Lead Package (16-Lead
QFN)
Tape and Reel
TR = Tape and Reel (Note 1)
Examples:
a)
EMC2301-1-ACZL-TR = Single RPM-Based
PWM Fan Controller, MSOP-8 Package
b)
EMC2302-2-AIZL-TR = Dual RPM-Based
PWM Fan Controller, MSOP-10 Package
c)
EMC2303-1-KP-TR = Multiple RPM-Based
PWM Fan Controller for Three Fans, QFN-12
Package
d)
EMC2305-1-AP-TR = Multiple RPM-Based
PWM Fan Controller for Five Fans, QFN-16
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is nto
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
-X
SMBus
-XX(/XXXX)
Package
Type
-XX
Tape and Reel
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com