Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2303 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 7Page - Microchip Technology EMC2303 Datasheet HTML 8Page - Microchip Technology EMC2303 Datasheet HTML 9Page - Microchip Technology EMC2303 Datasheet HTML 10Page - Microchip Technology EMC2303 Datasheet HTML 11Page - Microchip Technology EMC2303 Datasheet HTML 12Page - Microchip Technology EMC2303 Datasheet HTML 13Page - Microchip Technology EMC2303 Datasheet HTML 14Page - Microchip Technology EMC2303 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 11
EMC2301/2/3/5
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1. The pin types are described in Table 3-2.
The pin types are described in detail in Table 3-2.
3.1
Pin Configurations
The EMC2301/2/3/5 family has four (4) variants that
include features unique to each device. Refer to
Table 3-1 to determine applicability of the pin
descriptions.
3.1.1
SMDATA - SMBUS DATA
This is the open drain, bidirectional data pin for SMBus
communication. Requires external pull-up resistor.
3.1.2
SMCLK - SMBUS CLOCK
This is the input clock pin for SMBus communication.
Requires external pull-up resistor.
3.1.3
VDD - POWER SUPPLY
This pin is the input power supply for the device.
3.1.4
ADDR_SEL - ADDRESS SELECT
Available only on the EMC2303 and EMC2305, this pin
allows user programmability of the SMBus address.
Requires external pull-up resistor.
TABLE 3-1:
PIN FUNCTION TABLE
EMC2305
(QFN-16)
EMC2303
(QFN-12)
EMC2302
(MSOP-10)
EMC2301
(MSOP-8)
Symbol
Pin Type
Description
1
1
1
1
SMDATA
DIOD
SMBus Data
2
2
2
2
SMCLK
DI
SMBus Clock
33
3
3
VDD
Power
Power Supply
4
4
—
—
ADDR_SEL
AIO
Address Selection Input
5
5
5
5
PWM1
DO/OD
PWM1 Output
6
6
6
6
TACH1
DI
Tach 1 Input
7
7
7
—
PWM2
DO/OD
PWM2 Output
8
8
8
—
TACH2
DI
Tach 2 Input
9
11
—
—
PWM3
DO/OD
PWM3 Output
10
12
—
—
TACH3
DI
Tach 3 Input
11
9
9
7
CLK
DI/DO
Ext. 32.768 kHz clock
12
10
10
8
ALERT
OD
SMBus Alert Pin
13
—
—
—
PWM4
DO/OD
PWM4 Output
14
—
—
—
TACH4
DI
Tach 4 Input
15
—
—
—
PWM5
DO/OD
PWM5 Output
16
—
—
—
TACH5
DI
Tach 5 Input
EP17
EP13
4
4
GND
Power
GROUND
TABLE 3-2:
PIN TYPES
Pin
Type
Description
Power This pin is used to supply power or ground
to the device.
DI
Digital Input: this pin is used as a digital
input. This pin is 5V tolerant.
DO
Push/Pull Digital Output: this pin is used as
a digital output. It can both source and sink
current.
DIOD Digital Input/Open Drain Output: this pin is
used as a digital I/O. When it is used as an
output, it is open drain and requires a
pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used
as a digital output. It is open drain and
requires a pull-up resistor. This pin is 5V
tolerant.
AIO
Analog input/output. This pin is used for
analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com