Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2303 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 13Page - Microchip Technology EMC2303 Datasheet HTML 14Page - Microchip Technology EMC2303 Datasheet HTML 15Page - Microchip Technology EMC2303 Datasheet HTML 16Page - Microchip Technology EMC2303 Datasheet HTML 17Page - Microchip Technology EMC2303 Datasheet HTML 18Page - Microchip Technology EMC2303 Datasheet HTML 19Page - Microchip Technology EMC2303 Datasheet HTML 20Page - Microchip Technology EMC2303 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 17
EMC2301/2/3/5
EQUATION 4-3:
SIMPLIFIED TACH
CONVERSION
4.4.2
VALID TACHOMETER READINGS
The Valid TACH Count registers store the maximum
TACH Reading Register value to indicate that each fan
is spinning properly. The value is referenced at the end
of the Spin Up Routine to determine if the fan has
started operating and decide if the device needs to
retry. See Section 4.4.1 “Tachometer Counts to
RPM” for translating the count to an RPM.
If the TACH Reading Register value exceeds the Valid
TACH Count Register (indicating that the Fan RPM is
below the threshold set by this count), then a Stalled
Fan is detected. In this condition, the algorithm will
automatically begin its Spin Up Routine.
If a TACH Target setting is set above the Valid TACH
Count setting, then that setting will be ignored and the
algorithm will use the current fan drive setting. The
Valid Tach Count value is stored in Register 6-19.
4.4.3
STALLED FAN
A stalled fan is detected if the tach counter exceeds the
user-programmable Valid TACH Count setting. If a stall
is detected, the device will flag the fan as stalled and
trigger an interrupt.
If the RPM-based Fan Speed Control algorithm is
enabled, the algorithm will automatically attempt to
restart the fan until it detects a valid tachometer level or
is disabled.
The FNSTL status bit indicates that a stalled fan was
detected (see Register 6-2). This bit is checked
conditionally depending on the mode of operation.
• Whenever the Direct Setting mode or the Spin Up
Routine is enabled, the FNSTL interrupt will be
masked for the duration of the programmed Spin
Up Time (see Table 4-11) to allow the fan to reach
a valid speed without generating unnecessary
interrupts.
• In Direct Setting mode, whenever the TACH
Reading Register value exceeds the Valid TACH
Count Register setting, the FNSTL status bit will
be set.
• When using the RPM-based Fan Speed Control
algorithm, the Stalled Fan condition is checked
whenever the Update Time is met and the fan
drive setting is updated. It is not a continuous
check.
4.4.4
AGING FAN OR INVALID DRIVE
DETECTION
This feature is useful to detect Aging Fan conditions
(where the fan’s natural maximum speed degrades
over time) or a speed setting that is faster than the fan
is capable of. The EMC2301/2/3/5 contains circuitry
that detects if the programmed fan speed can be
reached by the fan.
If the target fan speed cannot be reached within a user
defined band of tach counts at maximum drive stored in
Register 6-20 and Register 6-21, the DRVFx status bits
(see Register 6-5) are set and the ALERT pin is
asserted. Table 4-8 shows the decode based on DFC
bits in Register 6-16. This setting determines how long
the aging fan circuitry will interrogate the Tach Reading
register before setting the status bits.
4.5
CLK Pin
The CLK pin has multiple functionality as determined
by the pull-up decode of the ADDR_SEL pin and the
settings of the Configuration register. The functionality
associated with the CLK pin upon device power-up is
independent of the CLK pin functionality after the
device has been configured. The added functionality of
the CLK pin is available only on the EMC2303/5.
4.6
Pull-Up Decode
The EMC2303/5 have the ability to program the SMBus
address and default fan setting using a resistor pull-up
on CLK. If additional functionality is enabled via the
ADDR_SEL pin (see Table 5-1), then the CLK pin
should be configured with a pull-up resistor to VDD and
should not be used. The value of the pull-up resistor on
the CLK pin is used to determine the default drive state
of all fan drivers as shown in Table 4-9.
RPM
3932160 m
COUNT
-------------------------------
=
Where:
COUNT = TACH Reading Register value (in
decimal)
TABLE 4-8:
DRIVE FAIL SAMPLE TIME
DFCX[1:0]
Number of Update Periods
10
00
Disabled - the Drive Fail detection
circuitry is disabled (default)
01
16 - the Drive Fail detection circuitry will
count for 16 update periods
10
32 - the Drive Fail detection circuitry will
count for 32 update periods
11
64 - the Drive Fail detection circuitry will
count for 64 update periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com