Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7281-00FVC Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA7281-00FVC
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281-00FVC Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA7281-00FVC Datasheet HTML 35Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 36Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 37Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 38Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 39Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 40Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 41Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 42Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
39 of 76
© 2019 Dialog Semiconductor
For LOOP_FILT_RES_TRIM apply the settings in Table 16.
Table 16: LOOP_FILT_RES_TRIM Register Trim Settings
Lseries (µH)
Rseries
(Ω)
25 or
lower
50
75
100
125
150
175
200
225
250 or
higher
4
2
2
3
3
3
3
3
3
3
3
6
1
2
2
3
3
3
3
3
3
3
8
1
2
2
2
3
3
3
3
3
3
10
0
1
2
2
2
3
3
3
3
3
12
0
1
2
2
2
2
3
3
3
3
14
0
1
1
2
2
2
2
3
3
3
16
0
1
1
2
2
2
2
2
3
3
18
0
0
1
1
2
2
2
2
2
3
20
0
1
1
2
2
2
3
3
3
3
22
0
1
1
2
2
2
2
3
3
3
24
0
1
1
2
2
2
2
3
3
3
26
0
1
1
2
2
2
2
2
3
3
28
0
1
2
2
2
3
3
3
3
3
30
0
1
2
2
2
3
3
3
3
3
32
0
1
2
2
2
2
3
3
3
3
34
0
1
1
2
2
2
3
3
3
3
36 to 40
0
1
1
2
2
2
2
3
3
3
42
0
1
2
2
3
3
3
3
3
3
44
0
1
2
2
3
3
3
3
3
3
46 to 50
0
1
2
2
2
3
3
3
3
3
Set LOOP_FILT_LOW_BW high if the actuator inductance exceeds 1 mH.
5.7.10
UVLO Threshold
The DA7281 UVLO has a default fall threshold of 2.8 V. This is adjustable in 100 mV steps via
REF_UVLO_THRES. The full range is 2.7 V to 3.0 V.
5.7.11
Edge Rate Control
DA7281 contains an advanced switching node ERC to minimize EMI and board disturbances. The
slope of the ERC can be adjusted by changing the values of the HBRIDGE_ERC_LS_TRIM (for low-
side FET ERC) and HBRIDGE_ERC_HS_TRIM (for high-side FET ERC). Default value is 100 mVn/s
and the adjustable range is 25 mV/ns to 100 mV/ns in 25 mV/ns steps.
5.7.12
Double Output Current Range
The nominal current rating for the DA7281 current regulation output is 250 mA. This range covers
existing LRAs, however some LRA manufacturers allow significant actuator overdrive over short
periods of time. DA7281 supports this by enabling LOOP_IDAC_DOUBLE_RANGE, which doubles
the maximum output current. When this is enabled, the following setup changes apply:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com