Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7281-00FVC Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # DA7281-00FVC
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281-00FVC Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button DA7281-00FVC Datasheet HTML 38Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 39Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 40Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 41Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 42Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 43Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 44Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 45Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
42 of 76
© 2019 Dialog Semiconductor
5.8
Waveform Memory
The Waveform Memory stores haptic drive sequences. A single haptic effect is called a sequence
and each sequence is formed by one or more frames that address one or more snippets stored in
memory. The overall Waveform Memory structure is described in detail in Section 5.8.1;
Sections 5.8.2 to 5.8.4 provide definitions for snippets, frames, and sequences.
NOTE
It is recommended that the Dialog SmartCanvas GUI is used to construct sequences and upload them to the
Waveform Memory. The easy to use GUI provides intuitive visualization of the sequences in the Waveform
Memory and requires only basic knowledge of the overall memory format.
5.8.1
Waveform Memory Structure
The waveform memory structure has a 100-byte capacity for storing snippets, frames, and
sequences. Sequences reference the snippets using frames to allow complex haptic sequences to
be created in a memory efficient manner. The overall structure of the Waveform Memory can be
seen in Figure 24. For Waveform Memory programming, see Section 5.6.4.
num_of_snippets[7:0]
num_of_sequences[7:0]
snippet_1_endpointer
snippet_n_endpointer
sequence_0_endpointer
snippet_n
sequence_0
sequence_n
sequence_n_endpointer
snippet_1
snippet_1_endpointer
WAVEFORM MEMORY
100 Bytes
Byte 0
Byte 1
Byte 2
Byte n
PWL_point_ 0
PWL_point_n
frame_0
frame_n
Figure 24: Waveform Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com