Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7281-00FVC Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # DA7281-00FVC
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281-00FVC Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button DA7281-00FVC Datasheet HTML 52Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 53Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 54Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 55Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 56Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 57Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 58Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 59Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
56 of 76
© 2019 Dialog Semiconductor
Addr
Register
7
6
5
4
3
2
1
0
Reset
0x1F
TOP_INT_CF
G7_L
FRQ_PID_Ki_L<7:0>
0x20
0x20
TOP_INT_CF
G8
Reserved
0
RAPID_STOP_LIM<2:0>
FRQ_TRACK_BEMF_LIM<3:0>
0x43
0x22
TOP_CTL1
Reserved
Reserved
Reserved
SEQ_ST
ART
STANDB
Y_EN
OPERATION_MODE<2:0>
0x00
0x23
TOP_CTL2
OVERRIDE_VAL<7:0>
0x00
0x24
SEQ_CTL1
Reserved
Reserved
Reserved
Reserved
Reserved
FREQ_W
AVEFOR
M_TIMEB
ASE
WAVEGE
N_MODE
SEQ_CO
NTINUE
0x08
0x25
SWG_C1
CUSTOM_WAVE_GEN_COEFF1<7:0>
0x61
0x26
SWG_C2
CUSTOM_WAVE_GEN_COEFF2<7:0>
0xB4
0x27
SWG_C3
CUSTOM_WAVE_GEN_COEFF3<7:0>
0xEC
0x28
SEQ_CTL2
PS_SEQ_LOOP<3:0>
PS_SEQ_ID<3:0>
0x00
0x2B
GPI_CTL
Reserved
GPI_SEQUENCE_ID<3:0>
GPI_MO
DE
GPI_POLARITY<1:0>
0x10
0x2C
MEM_CTL1
WAV_MEM_BASE_ADDR <7:0>
0x84
0x2D
MEM_CTL2
WAV_ME
M_LOCK
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x80
0x2E
ADC_DATA_
H1
ADC_VDD_H<7:0>
0xFF
0x2F
ADC_DATA_
L1
Reserved
ADC_VDD_L<6:0>
0x7F
0x43
POLARITY
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
POLARIT
Y
0x00
0x44
LRA_AVR_H
LRA_PER_AVERAGE_H<7:0>
0x00
0x45
LRA_AVR_L
Reserved
LRA_PER_AVERAGE_L<6:0>
0x00
0x46
FRQ_LRA_P
ER_ACT_H
LRA_PER_ACTUAL_H<7:0>
0x21
0x47
FRQ_LRA_P
ER_ACT_L
Reserved
LRA_PER_ACTUAL_L<6:0>
0x4F
0x48
FRQ_PHASE
_H
DELAY_H<7:0>
0x25
0x49
FRQ_PHASE
_L
DELAY_F
REEZE
Reserved
Reserved
Reserved
Reserved
DELAY_SHIFT_L<2:0>
0x05
0x4C
FRQ_CTL
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FREQ_T
RACKING
_AUTO_A
DJ
FREQ_T
RACKIN
G_FORC
E_ON
0x02
0x5F
TRIM3
Reserved
LOOP_ID
AC_DOU
BLE_RA
NGE
LOOP_FI
LT_LOW
_BW
REF_UVLO_THRES
Reserved
Reserved
Reserved
0x0E
0x60
TRIM4
Reserved
Reserved
Reserved
Reserved
LOOP_FILT_CAP_TRI
M<1:0>
LOOP_FILT_RES_TRI
M<1:0>
0x9C
0x62
TRIM6
Reserved
Reserved
Reserved
Reserved
HBRIDGE_ERC_LS_T
RIM<1:0>
HBRIDGE_ERC_HS_T
RIM<1:0>
0x5F
0x6E
TOP_CFG5
Reserved
Reserved
Reserved
Reserved
Reserved
DELAY_B
YPASS
FRQ_PA
USE_ON
_POLARI
TY_CHA
NGE
V2I_FAC
TOR_OF
FSET_E
N
0x01
0x81
IRQ_EVENT_
ACTUATOR_
FAULT
Reserved
E_TEST_
ADC_SA
T_FAULT
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x00
0x82
IRQ_STATUS
2
STA_
ADC_SA
T
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com