Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14531MOD Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA14531MOD Datasheet HTML 1Page - Dialog Semiconductor DA14531MOD Datasheet HTML 2Page - Dialog Semiconductor DA14531MOD Datasheet HTML 3Page - Dialog Semiconductor DA14531MOD Datasheet HTML 4Page - Dialog Semiconductor DA14531MOD Datasheet HTML 5Page - Dialog Semiconductor DA14531MOD Datasheet HTML 6Page - Dialog Semiconductor DA14531MOD Datasheet HTML 7Page - Dialog Semiconductor DA14531MOD Datasheet HTML 8Page - Dialog Semiconductor DA14531MOD Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
4 of 32
© 2021-2021 Dialog Semiconductor
Figures
Figure 1: DA14531 SmartBond TINYTM Module Block Diagram ........................................................... 6
Figure 2: Pinout Diagram Top View ...................................................................................................... 7
Figure 3: Mechanical Drawing ............................................................................................................. 13
Figure 4: Module Footprint Top View .................................................................................................. 14
Figure 5: Module Shield Marking......................................................................................................... 14
Figure 6: Tape and Reel...................................................................................................................... 15
Figure 7: Reel Labeling ....................................................................................................................... 16
Figure 8: Installation Locations for Optimum Antenna Performance .................................................. 17
Figure 9: Antenna Performance in Proximity of Copper (Left), Laminate (Middle) and Laminate under
Antenna (Right) ................................................................................................................................... 18
Figure 10: DA14531 TINYTM Module Evaluation Board ...................................................................... 18
Figure 11: VSWR Installed in the Upper Left Corner (Position #1) of Evaluation Board .................... 19
Figure 12: VSWR with Module Installed in Center (Position #2) of the Evaluation Board .................. 19
Figure 13: VSWR with Module Installed in the Upper Right Corner (Position #3) of the Evaluation
Board ................................................................................................................................................... 19
Figure 14: Measurement Plane Definition ........................................................................................... 20
Figure 15: Radiation Pattern for XY-Plane, Horizontal Polarization.................................................... 21
Figure 16: Radiation Pattern for XY-Plane, Vertical Polarization ........................................................ 21
Figure 17: Radiation Pattern for XZ-Plane, Horizontal Polarization .................................................... 21
Figure 18: Radiation Pattern for XZ-Plane, Vertical Polarization ........................................................ 21
Figure 19: Radiation Pattern for YZ-Plane, Horizontal Polarization .................................................... 21
Figure 20: Radiation Pattern for YZ-Plane, Vertical Polarization ........................................................ 21
Figure 21: Recommended Reflow Profile for Lead Free Solder ......................................................... 22
Tables
Table 1: Pin Description ........................................................................................................................ 7
Table 2: Absolute Maximum Ratings..................................................................................................... 9
Table 3: Recommended Operating Conditions ................................................................................... 10
Table 4: DC Characteristics................................................................................................................. 10
Table 5: XTAL32MHz - Recommended Operating Conditions ........................................................... 11
Table 6: Digital IO - Recommended Operating Conditions ................................................................. 11
Table 7: Digital IO - DC Characteristics .............................................................................................. 12
Table 8: Radio 1Mbps - AC Characteristics ........................................................................................ 12
Table 9: Reel Specifications ................................................................................................................ 15
Table 10: Antenna Efficiency vs TINYTM Module Positions ................................................................. 17
Table 11: Reflow Profile Specification ................................................................................................. 22
Table 12: MSL Level vs Floor Life Time.............................................................................................. 23
Table 13: Ordering Information (Samples) .......................................................................................... 23
Table 14: Ordering Information (Production)....................................................................................... 23
Table 15: Standards Conformance ..................................................................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com