Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14531MOD Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 24Page - Dialog Semiconductor DA14531MOD Datasheet HTML 25Page - Dialog Semiconductor DA14531MOD Datasheet HTML 26Page - Dialog Semiconductor DA14531MOD Datasheet HTML 27Page - Dialog Semiconductor DA14531MOD Datasheet HTML 28Page - Dialog Semiconductor DA14531MOD Datasheet HTML 29Page - Dialog Semiconductor DA14531MOD Datasheet HTML 30Page - Dialog Semiconductor DA14531MOD Datasheet HTML 31Page - Dialog Semiconductor DA14531MOD Datasheet HTML 32Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
28 of 32
© 2021-2021 Dialog Semiconductor
The MSIP ID can be applied directly on end-product's label. The ID should be clearly visible on the
final end-product. The integrator of the module should refer to the labeling requirements for Korea
available on the Korea Communications Commission (KCC) website.
11.7 Australia/ New Zealand (RCM)
DA14531 TINYTM Module has not been certified for the Australian/ New Zealand market. However,
the
module’s CE test reports can be used in part to demonstrate compliance in accordance with
Short Range Devices- SRD Standards. The integrator of the module must construct a compliance
folder with all relevant test reports: RF, EMC, Electrical Safety and DoC (Declaration of Conformity).
11.8 South Africa (ICASA)
South Africa certification is based on RED(CE) approval.
TA-2020/5882
APPROVED
Approval is granted to print labels for the products as described below:
1.
For use as Label on the product size: 80 mm (W) X 40 mm (H). To be printed on the product.
2.
For use as Label on the package size: 80 mm (W) X 40 mm (H). To be printed on the
package
End-product may need to follow additional requirement according to regulation EMC.
11.9 Brazil (Anatel)
05382-20-12967
The module has been tested and found to be compliant according to following Category II standards:
• ATO (Act) No 14448/2017
End-product may need to follow additional requirement according to regulation EMC.
“Este equipamento não tem direito à proteção contra interferência prejudicial e não pode causar
interferência em sistemas devidamente autorizados.
”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com