Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14531MOD Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA14531MOD Datasheet HTML 1Page - Dialog Semiconductor DA14531MOD Datasheet HTML 2Page - Dialog Semiconductor DA14531MOD Datasheet HTML 3Page - Dialog Semiconductor DA14531MOD Datasheet HTML 4Page - Dialog Semiconductor DA14531MOD Datasheet HTML 5Page - Dialog Semiconductor DA14531MOD Datasheet HTML 6Page - Dialog Semiconductor DA14531MOD Datasheet HTML 7Page - Dialog Semiconductor DA14531MOD Datasheet HTML 8Page - Dialog Semiconductor DA14531MOD Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
1 of 32
© 2021-2021 Dialog Semiconductor
General Description
The DA14531 SmartBond TINYTM Module is the first Dialog Semiconductor Bluetooth® Low Energy
module based on world’s lowest power DA14531 SoC.
The module offers a unique combination of the lowest power and the integration of all external
components including antenna at a very affordable price.
The module is designed to enable the use of Bluetooth® Low Energy in applications where
Bluetooth® Low Energy could not be used until now because of cost or complexity. The bigger picture
is to drive Bluetooth® Low Energy technology into every application, turning every product into a
connected IoT node to drive the next 1 billion IoT devices in the market.
The SmartBond TINYTM Module is supported by software that is easy to work with. This lowers the
threshold to use Bluetooth® Low Energy technology and significantly speeds up the design time.
The module comes with a configurable DSPS (serial port service) and next generation Codeless
software to design Bluetooth® applications without Bluetooth® knowledge or advanced programming
skills.
The combination of an affordable price, the lowest power consumption and ease of use makes the
DA14531 TINYTM Module an ideal product for the mass market, including the makers community.
Key Features
■ Bluetooth
□ Compatible with Bluetooth® v5.1,
ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US) and
ARIB STD-T66 (Japan) core
□ Supports up to 3 connections
□ Dialog Semiconductor registered BD
address preprogrammed in OTP
■ Processing and memories
□ 16 MHz 32-bit Arm® Cortex® M0+ with
SWD interface
□ 128 Kbytes internal FLASH
□ 48 Kbytes RAM
□ 144 Kbytes ROM
□ 32 Kbytes OTP
■ Current Consumption
□ 2 mA RX at VBAT=3V
□ 4 mA TX at VBAT=3V and 0 dBm
□ 1.8 µA at sleep with all RAM retained
■ Radio
□ Programmable RF transmit power from
-19 to +2.2 dBm
□ -93 dBm receiver sensitivity
■ Interfaces
□ Quadrature decoder with 3 channels
□ 3 channel 11-bit ENOB ADC
□ 2 general purpose timers with PWM
□ 9 GPIOs
□ SPI
□ 2x UART, 1-wire UART support
□ I2C
■ Power Management
□ Operating range (1.8 V - 3.3 V)
□ Inrush current control
■ Other
□ Real Time Clock
□ Trimmed 32 MHz Crystal
■ Packaging
□ 12.5 mm x 14.5 mm x 2.8 mm package
■ Module Software Development Kit
□ Configurable DSPS
□ Codeless v2.0
□ SDK6 support
■ Module Software Tools
□ Flash/OTP programmer
□ SUOTA support
□ Battery Life Estimation
□ Data Rate Monitoring
□ Real-Time Power Profiling
□ Production Line Testing
■ Standards Conformance
□ BT SIG QDID 113959
□ Europe (CE/RED) and US (FCC)
□ Canada and Japan
□ South Korea and Taiwan
□ South Africa and Brazil
□ China and Thailand
□ India


Similar Part No. - DA14531MOD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
DA14531MOD-00F01002 RENESAS-DA14531MOD-00F01002 Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
DA14531MOD-00F0100C RENESAS-DA14531MOD-00F0100C Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14531MOD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
List of Unclassifed Man...
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com