Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECT Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 42Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 43Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
40 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 31: Clipping of the outputs occurs when the VDDPA drops and the following conditions becomes true. If CLASSD_CTRL_REG[CLASSD_CLIP]
is not equal to zero then upon a programmable number of clipping occurrences a CLASSD_INT is generated:
The software can stop clipping by reducing the gain via the GENDSP:
Clipping occurs if
Cp2
Parallel load
capacitance
see Figure 31
30
pF
Cs2
Serial load capacitance
30
F
Rl2
Load resistance
600
Table 28: LSRp/LSRn load circuits
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Figure 30: Load circuit A: Dynamic loudspeaker
RL1
Cp1
LSRp
LSRn
Figure 31: Load circuit B: Piezo loudspeaker
Cs2
LSRp
LSRn
RL2
Cp2
Table 29: PAOUTp, PAOUTn outputs
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vpa_4v
Differential rms output
voltage between
PAOUTp and PAOUTn
Trimmed bandgap
input = 0 dBm0, 1 kHz
(Note 27)
Output low-pass filtered
CLASSD_VOUT = 0
0.985
Vrms
Vpa_6v
As above
CLASSD_VOUT = 1
1.478
Vrms
Zload_pa_4v
Speaker impedance,
connected between
PAOUTp and PAOUTn
With these values, the peak cur-
rents stays within the operating
range.
4
Zload_pa_6v
6
Table 30: PAOUTp, PAOUTn outputs (Note 31)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Rout_pa
Differential output
resistance between
PAOUTp and PAOUTn
See (Note 31)
1
peak LowPassFiltered PAOUTp PAOUTm


VDDPA VSSPA
-----------------------------------------------------------------------------------------------------------------------------
Zload
Zload Rout_pa
+
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com