Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECT Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 4Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 5Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 6Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
8 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
2.0 Introduction
2.1 SCOPE
The SC14CVMDECT SF is a programmable DECT
module for voice and data services. The internal soft-
ware stack receives commands and data from the
application, for instance to set up a link to other mod-
ules. The application software can be implemented on
the module itself or on an external host processor. The
internal FLASH provides user space where custom
applications can be located.
The module converts analog signals to a digital stream,
compresses/decompresses them according to the
DECT standards and transmits/receives them over the
air interface. The DECT protocol stack in each module
supports both PP and FP functionality.
The embedded software running on the internal micro-
controller (CR16) supports all protocol layers up to the
network layer. The module can be controlled by soft-
ware running on the internal controller as well as from
an external controller via the UART.
2.2 REFERENCES
1. CVM FP API Documentation package.
2. CVM PP API Documentation package.
3. Athena Eclipse User Manual, v1.02, Dialog
Semiconductor, Cordless Software and Tools.
4. SC14CVMDECT EEPROM (VES) map for PP
(NatalieV3PpCvm Eeprom_vXXXX.html).
5. AN-D-174, SC14480 Battery Management;
using the State of Charge function, Application
Note, Dialog Semiconductor.
6. AN-D-212, SC14CVMDECT_SFxx_DB External
Antenna Design and Leveraging Modular
Approval, Application Note, Dialog Semiconduc-
tor.
7. AN-D-222, SC14CVMDECT production pairing,
Application Note, Dialog Semiconductor.
2.3 GLOSSARY AND DEFINITIONS
AFE
Analog Front End
API
Application Programming Interface
Baby monitor
Same as intercom but optionally voice
activated
CAT-iq
Cordless Advanced Technology,
Internet and Quality
CODEC
COder and DECoder
CoLA
Co-Located Application
Conference
Same as intercom, but including an
external party
CRC
Cyclic Redundancy Check
CVM
Cordless Voice Module
DECT
Digital Enhanced Cordless Telephone
DSP
Digital Signal Processor
EMC
Equipment Manufacturer’s Code
ESD
ElectroStatic Discharge
FAD
Fast Antenna Diversity
FP
Fixed Part
GAP
Generic Access Profile (DECT)
GFSK
Gaussian Frequency Shift Keying
HPM
High Power Mode
Inband tones
Tones played by the application itself
and not from external e.g. line.
Intercom
Internal call between FP and PP(s)
IPEI
International Portable Equipment
Identity (ETSI EN 300 175-6)
IWU
InterWorking Unit (ETSI EN 300 175-
1)
LCD
Liquid Crystal Display
LDO
Low Drop Out (regulator)
LDR
Low Data Rate
LPM
Low Power Mode
MCU
Micro Controller Unit
MMI
Man Machine Interface (keypad, LCD,
buzzer, microphone, earpiece, etc.)
NTP
Normal Transmitted Power
PAEC
Perceptual Acoustic Echo Canceller
PC
Personal Computer, IBM compatible
PCB
Printed Circuit Board
PP
Portable Part
PSTN
Public Switched Telephone Network
RF
Radio Frequency
RFPI
Radio Fixed Part Identity (ETSI EN
300 175-6)
RLR
Receive Loudness Rating
RSSI
Radio Signal Strength Indication (ETSI
EN 300 175-1)
Sidetone
Feedback of microphone signal to
earpiece
SLR
Sending Loudness Rating
SPI
Serial Peripheral Interface Bus
UART
Universal Asynchronous Receiver and
Transmitter
ULE
Ultra Low Energy
VAD
Voice Activity Detection
VES
Virtual EEPROM Storage
Walkie Talkie
Call between two PPs without an FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com