Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECT Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 13Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 15Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 16Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 17Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 18Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
15 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.3 AUDIO CONFIGURATIONS
The SC14CVMDECT SF audio supports standard
DECT audio qualities. The audio gain and volume
parameters are placed in the VES. The DECT gains
can be adjusted to meet the TBR38 and TBR10 audio
level requirements by using the SC14CVMDECT SF
application reference design. For other line and acous-
tic designs it is required to adjust and tune the audio
setup.
4.3.1 Audio connection
The SC14CVMDECT SF PP audio connections are
shown in Figure 8. Refer to "Example application dia-
gram" on page 49 for detailed component values.
.
Earpiece or small loudspeaker connection
The earpiece loudspeaker can be connected either dif-
ferentially or single-ended. Dynamic loudspeakers with
an impedance of 30
 can be connected, as well as
ceramic loudspeakers equivalent to 600
 and 30 F.
Refer to Table 28 for a detailed specification or the ear-
piece loudspeakers.
The earpiece is connected to the LSRp and LSRn pins.
Microphone connection
The microphone can be connected either single-ended
via MICp or differentially to MICp and MICn.
Headset connection
The headset microphone must be connected to the
MICh pin. The headset earpiece is connected to the
LSRp.
Microphone supply connection
For active microphones a voltage source with high sup-
ply voltage rejection ratio is provided on supply pins
VREFp/VREFm. Filtering of internal and external refer-
ence voltages is provided by an internal capacitor. No
external capacitor shall be connected to pin VREFp. To
avoid audible switching noise it is important that the
ground supply signals are directly “star point” con-
nected to the VREFm and not via a common ground
plane. From this VREFm star point, one connection is
made to the common ground plane.
Loudspeaker connection
For the handsfree operation a 4
 loudspeaker must
be connected to the PAOUTp and PAOUTn pins as
shown in Figure 9. The VDDPA is the supply pin.
Refer to Table 31 for a detailed specification of the
external components around the loudspeaker. These
components are necessary to guarantee the lifetime of
the module.
Figure 8: Audio connections
LSRn
LSRp
MICh
MICn
VREFm
MICp
VREFp
Figure 9: Loudspeaker connection
PAOUTp
PAOUTn
VDDPA
VSS/GND
C_VDDPA
Cs_PAOUT
Rs_PAOUT
Cs_PAOUT
Rs_PAOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com