Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-22 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650-22
Description  PVR and STB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-22 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PVR and STB Clock Source
MDS 650-22 D
2
Revision 051004
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-22
Pin Assignment
Pin Descriptions
13
4
12
5
11
VDD
8
9
10
VDD
VDD
33M
OE
66M
33M
17
16
GND
3
X1/ICLK
VDD
33M
18
33M
1
GND
X2
100M
20
VDD
19
14
2
7
GND
48M
VDD
GND
15
6
20-pin (150 mil) SSOP
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
GND
Power
Connect to ground.
2
X2
Input
Connect to a crystal input or leave open for ICLK.
3
X1/ICLK
Input
Connect to a crystal or reference clock input.
4, 5
VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
48M
Output
48 MHz clock output.
8
VDD
Power
Connect to +3.3 V.
9
66M
Output
66 MHz clock output.
10
GND
Power
Connect to ground.
11
OE
Input
Output enable active high. Internal pull-up resistor.
12, 13
33M
Output
33.33 MHz clock output.
14
GND
Power
Connect to ground.
15, 16
VDD
Power
Connect to +3.3 V.
17, 18
33M
Output
33.33 MHz clock output.
19
100M
Output
100 MHz clock output.
20
VDD
Power
Connect to +3.3 V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com