Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-22 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-22
Description  PVR and STB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-22 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PVR and STB Clock Source
MDS 650-22 D
3
Revision 051004
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-22
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-22. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
-
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.3
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
VDD/2+1 VDD/2
V
Input Low Voltage
VIL
VDD/2
VDD/2-1
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = +25 mA
0.5
V
Output High Voltage
VOL
IOH = -8 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load, OE=1
29
mA
No Load, OE=0
13
mA
Short Circuit Current
IOS
Each output
±70
mA
Internal Pull-up Resistor
RPU
Input select
390
k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com