Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-22 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS650-22
Description  PVR and STB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-22 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS650-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PVR and STB Clock Source
MDS 650-22 D
4
Revision 051004
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-22
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
° C
Note 1: Measured with a 15 pF load.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency
27
MHz
Output Rise Time
tOR
0.8 to 2.0 V (note 1)
500
ps
Output Fall Time
tOF
2.0 to 0.8 V (note 1)
500
ps
Output Clock Duty Cycle
At VDD/2 (note 1)
45
50
55
%
Frequency Error
All clocks
0
ppm
Absolute Jitter, short term
33M, 100M clocks (note 1)
+100
ps
Absolute Jitter, short term
48M clock (note 1)
+160
ps
Absolute Jitter, short term
66M clock (note 1)
+140
ps
Output-to-output Skew, 33M
only
Rising edge at VDD/2
(note 1)
0150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com