| Electronic Components Datasheet Search |
|
IMX7ULPCECB2 Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7ULPCECB2 Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 122 page ![]() 4.1.1 Internal memory—real-time domain The real-time domain contains 256 kB of SRAM organized in sub-blocks of 32 kB each. Each sub-block can be power-gated under software control to optimize power consumption. 4.1.2 QuadSPI flash The Quad Serial Peripheral Interface (QSPI) module provides an interface to various types of serial flash memory. It allows one serial flash connection and supports 1-bit, 4-bit and 8-bit SPI bus width. 4.2 Peripherals—real-time domain 4.2.1 Analog—real-time domain The i.MX 7ULP Real-Time Domain implements the following analog peripherals: • 12-bit Analog to Digital Converter • 12-bit Digital to Analog Converter • Comparators See i.MX 7ULP modules list for more details. 4.2.2 Connectivity and communications—real-time domain The i.MX 7ULP Real-Time Domain implements the following connectivity and communications peripherals: • Low Power Universal Asynchronous Receiver/Transmitter (LPUART) • Low Power Inter-Integrated Circuit (LPI2C) • Low Power Serial Peripheral Interface (LPSPI) • Rapid General-Purpose Input and Output with 2 Ports (RGPIO2P) • Flexible Input/Output (FlexIO) See the i.MX 7ULP modules list for more details. 5 System control modules System control modules i.MX 7ULP Applications Processor—Consumer, Rev. 0, 09/2020 29 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |