Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F684 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 29Page - Microchip Technology PIC16F684 Datasheet HTML 30Page - Microchip Technology PIC16F684 Datasheet HTML 31Page - Microchip Technology PIC16F684 Datasheet HTML 32Page - Microchip Technology PIC16F684 Datasheet HTML 33Page - Microchip Technology PIC16F684 Datasheet HTML 34Page - Microchip Technology PIC16F684 Datasheet HTML 35Page - Microchip Technology PIC16F684 Datasheet HTML 36Page - Microchip Technology PIC16F684 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 31
PIC16F684
4.0
I/O PORTS
There are as many as twelve general purpose I/O pins
available.
Depending
on
which
peripherals
are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
4.1
PORTA and the TRISA Registers
PORTA is a 6-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISA
(Register 4-2). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., put the
corresponding output driver in a High-impedance
mode). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., put the
contents of the output latch on the selected pin). The
exception is RA3, which is input only and its TRIS bit
will always read as ‘1’. Example 4-1 shows how to
initialize PORTA.
Reading the PORTA register (Register 4-1) reads the
status of the pins, whereas writing to it will write to the
port latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the port data latch. RA3 reads ‘0’ when
MCLRE = 1.
The TRISA register controls the direction of the
PORTA pins, even when they are being used as analog
inputs. The user must ensure the bits in the TRISA
register are maintained set when using them as analog
inputs. I/O pins configured as analog input always read
‘0’.
EXAMPLE 4-1:
INITIALIZING PORTA
4.2
Additional Pin Functions
Every PORTA pin on the PIC16F684 has an interrupt-
on-change option and a weak pull-up option. RA0 has
an Ultra Low-Power Wake-up option. The next three
sections describe these functions.
4.2.1
WEAK PULL-UPS
Each of the PORTA pins, except RA3, has an individu-
ally configurable internal weak pull-up. Control bits
WPUAx enable or disable each pull-up. Refer to
Register 4-3. Each weak pull-up is automatically turned
off when the port pin is configured as an output. The
pull-ups are disabled on a Power-on Reset by the
RAPU bit (OPTION_REG<7>). A weak pull-up is auto-
matically enabled for RA3 when configured as MCLR
and disabled when RA3 is an I/O. There is no software
control of the MCLR pull-up.
REGISTER 4-1:
PORTA – PORTA REGISTER (ADDRESS: 05h)
Note:
Additional information on I/O ports may be
found in the “PICmicro® Mid-Range MCU
Family Reference Manual” (DS33023).
Note:
The ANSEL (91h) and CMCON0 (19h)
registers must be initialized to configure
an analog channel as a digital input. Pins
configured as analog inputs will read ‘0’.
BCF
STATUS,RP0
;Bank 0
CLRF
PORTA
;Init PORTA
MOVLW
07h
;Set RA<2:0> to
MOVWF
CMCON0
;digital I/O
BSF
STATUS,RP0
;Bank 1
CLRF
ANSEL
;digital I/O
MOVLW
0Ch
;Set RA<3:2> as inputs
MOVWF
TRISA
;and set RA<5:4,1:0>
;as outputs
BCF
STATUS,RP0
;Bank 0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-0
R/W-0
—
—
RA5
RA4
RA3
RA2
RA1
RA0
bit 7
bit 0
bit 7-6:
Unimplemented: Read as ‘0’
bit 5-0:
RA<5:0>: PORTA I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com