Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F684 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 65Page - Microchip Technology PIC16F684 Datasheet HTML 66Page - Microchip Technology PIC16F684 Datasheet HTML 67Page - Microchip Technology PIC16F684 Datasheet HTML 68Page - Microchip Technology PIC16F684 Datasheet HTML 69Page - Microchip Technology PIC16F684 Datasheet HTML 70Page - Microchip Technology PIC16F684 Datasheet HTML 71Page - Microchip Technology PIC16F684 Datasheet HTML 72Page - Microchip Technology PIC16F684 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 67
PIC16F684
9.1.7
CONFIGURING THE A/D
After the A/D module has been configured as desired,
the selected channel must be acquired before the
conversion is started. The analog input channels must
have their corresponding TRIS bits selected as inputs.
To determine sample time, see Section 15.0 “Electri-
cal Specifications”. After this sample time has
elapsed, the A/D conversion can be started.
These steps should be followed for an A/D conversion:
1.
Configure the A/D module:
• Configure analog/digital I/O (ANSEL)
• Configure voltage reference (ADCON0)
• Select A/D input channel (ADCON0)
• Select A/D conversion clock (ADCON1)
• Turn on A/D module (ADCON0)
2.
Configure A/D interrupt (if desired):
• Clear ADIF bit (PIR1<6>)
• Set ADIE bit (PIE1<6>)
• Set PEIE and GIE bits (INTCON<7:6>)
3.
Wait the required acquisition time.
4.
Start conversion:
• Set GO/DONE bit (ADCON0<0>)
5.
Wait for A/D conversion to complete, by either:
• Polling for the GO/DONE bit to be cleared
(with interrupts disabled); OR
• Waiting for the A/D interrupt
6.
Read A/D Result register pair
(ADRESH:ADRESL), clear bit ADIF if required.
7.
For next conversion, go to step 1 or step 2 as
required. The A/D conversion time per bit is
defined as TAD. A minimum wait of 2 TAD is
required before the next acquisition starts.
EXAMPLE 9-1:
A/D CONVERSION
;This code block configures the A/D
;for polling, Vdd reference, R/C clock
;and RA0 input.
;
;Conversion start & wait for complete
;polling code included.
;
BSF
STATUS,RP0
;Bank 1
MOVLW
B’01110000’
;A/D RC clock
MOVWF
ADCON1
BSF
TRISA,0
;Set RA0 to input
BSF
ANSEL,0
;Set RA0 to analog
BCF
STATUS,RP0
;Bank 0
MOVLW
B’10000001’
;Right, Vdd Vref, AN0
MOVWF
ADCON0
CALL
SampleTime
;Wait min sample time
BSF
ADCON0,GO
;Start conversion
BTFSC
ADCON0,GO
;Is conversion done?
GOTO
$-1
;No, test again
MOVF
ADRESH,W
;Read upper 2 bits
MOVWF
RESULTHI
BSF
STATUS,RP0
;Bank 1
MOVF
ADRESL,W
;Read lower 8 bits
MOVWF
RESULTLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com