Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F684 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 68Page - Microchip Technology PIC16F684 Datasheet HTML 69Page - Microchip Technology PIC16F684 Datasheet HTML 70Page - Microchip Technology PIC16F684 Datasheet HTML 71Page - Microchip Technology PIC16F684 Datasheet HTML 72Page - Microchip Technology PIC16F684 Datasheet HTML 73Page - Microchip Technology PIC16F684 Datasheet HTML 74Page - Microchip Technology PIC16F684 Datasheet HTML 75Page - Microchip Technology PIC16F684 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
PIC16F684
DS41202C-page 70
Preliminary
 2004 Microchip Technology Inc.
TABLE 9-2:
SUMMARY OF A/D REGISTERS
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOD
Value on
all other
Resets
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx --uu uuuu
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx --uu uuuu
0Bh/
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
0Ch
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF 0000 0000 0000 0000
1Eh
ADRESH Most Significant 8 bits of the left shifted A/D result or 2 bits of the right shifted result
xxxx xxxx uuuu uuuu
1Fh
ADCON0
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000 00-0 0000
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0 --11 1111 --11 1111
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0 --11 1111 --11 1111
8Ch
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE 0000 0000 0000 0000
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111 1111 1111
9Eh
ADRESL
Least Significant 2 bits of the left shifted A/D result or 8 bits of the right shifted result
xxxx xxxx uuuu uuuu
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ---- -000 ----
Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for A/D module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com