| Electronic Components Datasheet Search |
|
DS2792 Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2792 Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 40 page ![]() DS2792 Programmable Fuel Gauge with UART Interface 13 of 40 DS2792 POWER MODES When power is first applied to the DS2792, a power-on-reset (POR) circuit transitions the IC to brownout state where cell voltage is monitored. If VDD voltage is above the brownout threshold VBO, the DS2792 enters CPU mode and begins code execution. Firmware determines if the IC switches to ANALOG mode or low-power SLEEP mode when a STOP halts CPU operation. The DS2792 enters SLEEP mode after a CPU STOP if the ADC and all internal timers are disabled and the suspend timer is off. In SLEEP mode, all IC operation becomes inactive except for external activity interrupts. Brownout detection does not occur in SLEEP mode. Any interrupt generated by UART communication or external input on ports P0.0 or P0.1 will transition the DS2792 from SLEEP to brownout to verify cell voltage before returning to CPU mode. If the suspend timer is enabled, the IC will transition from SLEEP to ANALOG mode if a suspend timeout occurs. The DS2792 enters ANALOG mode after a CPU STOP if any one of the following is active: the ADC, the interval timer, or the watchdog timer. An external interrupt or an interrupt from any active internal circuit causes the DS2792 to transition back to CPU mode to service the condition. If the DS2792 is in ANALOG or CPU mode, and VDD falls below VBO, a brownout condition occurs and the DS2792 enters the brownout state. In brownout state, the processor is halted without changing the instruction pointer. If VDD voltage rises above VBO within a time of tSU:OSCI, the DS2792 returns to CPU mode and generates a brown-out interrupt (if enabled). Otherwise, if VDD remains below VBO for tSU:OSCI, the DS2792 again enters SLEEP mode and waits to receive an interrupt. Note that the supply rise time at initial power up of the IC must be faster than tSU:OSCI to prevent the DS2792 from entering SLEEP mode prior to software enabling external interrupts. If this situation occurs, the DS2792 remains in SLEEP until power cycled. Figure 5. DS2792 State Diagram Code Execution CPU Disabled. ADC Active External Interrupts Monitored Brown-Out Timeout t > tSU:OSCI Brown-Out VDD < VBO External Interrupt CPU STOP Analog Circuits Inactive Brown-Out Recovery VDD > VBO for tSU:OSCI Brown-Out VDD < VBO Interrupt Power On Reset CPU STOP Analog Circuits Active Suspend Timeout Suspend Timer Enabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |