Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2792 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 10Page - Maxim Integrated Products DS2792 Datasheet HTML 11Page - Maxim Integrated Products DS2792 Datasheet HTML 12Page - Maxim Integrated Products DS2792 Datasheet HTML 13Page - Maxim Integrated Products DS2792 Datasheet HTML 14Page - Maxim Integrated Products DS2792 Datasheet HTML 15Page - Maxim Integrated Products DS2792 Datasheet HTML 16Page - Maxim Integrated Products DS2792 Datasheet HTML 17Page - Maxim Integrated Products DS2792 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
14 of 40
SUSPEND TIMER
The suspend timer allows the DS2792 to periodically monitor the cell while spending the majority of its time in a
low-power state. Suspend operation is managed through the coulomb counter control register (CCCON). A timout
value between 0.5s and 2.0s can be selected through the suspend timeout bits (CCSUS). When the suspend timer
is enabled and a timeout occurs, the DS2792 will transition from SLEEP mode to ANALOG mode, and eventually to
CPU mode. Upon transition to ANALOG mode, the coulomb counter enable bit (CCEN) is automatically set and the
ADC block becomes active. The DS2792 may then perform all needed cell-monitoring operations before clearing
the CCEN bit and returned to SLEEP mode. The process repeats after each timeout.
Figure 6. CCCON Register Format
FIELD
BIT
FORMAT
ALLOWABLE VALUES
Reserved
7:3
Read Only
Undefined
CCSUS
2:1
R/W
Suspend Timeout
0 0 = Suspend Timeout Disabled
0 1 = 0.5s timeout
1 0 = 1.0s timeout
1 1 = 2.0s timeout
CCEN
0
R/W
Coulomb Counter Enable
0 = ADC block disabled
1 = ADC block enabled
REGISTER SET
Most functions of the device are controlled by sets of registers. These registers provide a working space for
memory operations as well as configuring and addressing peripheral registers on the device. Registers are divided
into two major types: system registers and peripheral registers. The common register set, also known as the
system registers, includes the ALU, accumulator registers, data pointers, interrupt vectors and control, and stack
pointer. The peripheral registers define additional functionality that may be included by different products based on
the MAXQ20 architecture. This functionality is broken up into discrete modules so that only the features required
for a given product need to be included. Tables 1 through 6 detail the DS2792 register set.
Table 1. System Register Map
MODULE NAME (BASE SPECIFIER)
REGISTER
INDEX
AP (8h)
A (9h)
PFX (Bh)
IP (Ch)
SP (Dh)
DPC (Eh)
DP (Fh)
00h
AP
A[0]
PFX
IP
—
—
—
01h
APC
A[1]
—
—
SP
—
—
02h
—
A[2]
—
—
IV
—
—
03h
—
A[3]
—
—
—
Offs
DP0
04h
PSF
A[4]
—
—
—
DPC
—
05h
IC
A[5]
—
—
—
GR
—
06h
IMR
A[6]
—
—
LC0
GRL
—
07h
—
A[7]
—
—
LC1
BP
DP1
08h
SC
A[8]
—
—
—
GRS
—
09h
—
A[9]
—
—
—
GRH
—
0Ah
—
A[10]
—
—
—
GRXL
—
0Bh
IIR
A[11]
—
—
—
FP
—
0Ch
—
A[12]
—
—
—
—
—
0Dh
—
A[13]
—
—
—
—
—
0Eh
CKCN
A[14]
—
—
—
—
—
0Fh
WDCN
A[15]
—
—
—
—
—
Note: Names that appear in italics indicate that all bits of a register are read-only. Names that appear in bold indicate that a register is 16 bits
wide. Registers in module AP are bit addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com