| Electronic Components Datasheet Search |
|
DS2792 Datasheet(PDF) 39 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2792 Datasheet(HTML) 39 Page - Maxim Integrated Products |
|
39 / 40 page ![]() DS2792 Programmable Fuel Gauge with UART Interface 39 of 40 APPLICATIONS The low-power, high-performance RISC architecture of the DS2792 makes it an excellent fit for many portable or battery-powered applications that require cost-effective computing and analog measurement capability. The high- throughput core is programmable in circuit over the UART and JTAG interfaces, allowing for firmware upgrades and ease of code development. Applications benefit from UART and GPIO peripheral interfaces allowing the microcontroller to communicate with many external devices. The DS2792’s high level of integration reduces component count and board space, critical factors in the design of portable systems. The DS2792 is ideally suited for applications such as fuel gauging, sensor conditioning, and data collection. ADDITIONAL DOCUMENTATION Designers must have four documents to fully use all the features of this device. This data sheet contains pin descriptions, feature overviews, and electrical specifications. Errata sheets contain deviations from published specifications. The user’s guides offer detailed information about device features and operation. The following documents can be downloaded from www.maxim-ic.com/DS2792. The DS2792 data sheet, which contains electrical/timing specifications and pin descriptions, available at www.maxim-ic.com/DS2792. The DS2792 errata sheet, available at www.maxim-ic.com/errata. The MAXQ Family User's Guide, which contains detailed information on core features and operation, including programming at www.maxim-ic.com/products/MAXQUG. The MAXQ Family User's Guide: DS2792 Supplement, which contains detailed information on features specific to the DS2792 at www.maxim-ic.com/DS2792UG. DEVELOPMENT AND TECHNICAL SUPPORT A variety of highly versatile, affordably priced development tools for this microcontroller are available from Maxim/Dallas Semiconductor and third-party suppliers, including: Compilers In-circuit emulators Integrated development environments (IDEs) Serial-to-JTAG converters for programming and debugging USB-to-JTAG converters for programming and debugging Technical support is available through email at batterymanagement.support@dalsemi.com. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |