Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151A Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS7151A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151A Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS7151A Datasheet HTML 1Page - Integrated Circuit Systems ICS7151A Datasheet HTML 2Page - Integrated Circuit Systems ICS7151A Datasheet HTML 3Page - Integrated Circuit Systems ICS7151A Datasheet HTML 4Page - Integrated Circuit Systems ICS7151A Datasheet HTML 5Page - Integrated Circuit Systems ICS7151A Datasheet HTML 6Page - Integrated Circuit Systems ICS7151A Datasheet HTML 7Page - Integrated Circuit Systems ICS7151A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151A-50 A
3
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7151A-50
External Components
The ICS7151A-50 requires a minimum number of
external components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between GND and VDD on pins 2 and 7, as close to
these pins as possible. For optimum device
performance, the decoupling capacitor should be
mounted on the component side of the PCB. Avoid the
use of vias in the decoupling circuit.
Series Termination Resistor
Series termination should be used on the clock output.
To series terminate a 50
Ω trace (a commonly used
trace impedance) place a 27
Ω resistor in series with
the clock line, as close to the clock output pin as
possible. The nominal impedance of the clock output is
25
Ω.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the
VDD pin as possible. No vias should be used between
the decoupling capacitor and VDD pin. The PCB trace
to VDD pin should be kept as short as possible, as
should the PCB trace to the ground via.
2) To minimize EMI, the 27
Ω series termination resistor
(if needed) should be placed close to the clock output.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS7151A-50. This includes signal
traces just underneath the device, or on layers adjacent
to the ground plane layer used by the device.
Crystal Information
The crystal used should be a fundamental mode (do
not use third overtone), parallel resonant. Crystal
capacitors should be connected from pins X1 to ground
and X2 to ground to optimize the initial accuracy. The
value of these capacitors is given by the following
equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So,
for a crystal with a 16 pF load capacitance, two 20 pF
[(16-6) x 2] capacitors should be used.
Spread Spectrum Profile
The ICS7151A-50 low EMI clock generator uses a
triangular frequency modulation profile for optimal
down stream tracking of zero delay buffers and other
PLL devices. The frequency modulation amplitude is
constant with variations of the input frequency.
Time
Modulation Rate



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com