Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151A Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS7151A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151A Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS7151A Datasheet HTML 1Page - Integrated Circuit Systems ICS7151A Datasheet HTML 2Page - Integrated Circuit Systems ICS7151A Datasheet HTML 3Page - Integrated Circuit Systems ICS7151A Datasheet HTML 4Page - Integrated Circuit Systems ICS7151A Datasheet HTML 5Page - Integrated Circuit Systems ICS7151A Datasheet HTML 6Page - Integrated Circuit Systems ICS7151A Datasheet HTML 7Page - Integrated Circuit Systems ICS7151A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151A-50 A
5
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7151A-50
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No load, at 3.3 V,
output = 24 MHz
10
14
mA
Input Frequency
16.5
33.4
MHz
Input High Voltage
VIH
XIN, S0, S1, ENS
VDD * 0.8
VDD + 0.3
V
Input Low Voltage
VIL
XIN, S0, S1, ENS
0.0
VDD * 0.20
V
Output High Voltage
VOH
CKOUT, IOH = -4 mA
2.0
V
Output Low Voltage
VOL
CKOUT, IOL = 4 mA
0.4
V
Input Capacitance
CIN
XIN, S0, S1, ENS
16
pF
Load Capacitance
CL
CKOUT, 8.3 to 66.7
MHz
15
pF
CKOUT, 66.7 to 100
MHz
10
pF
CKOUT, 100 to 133.4
MHz
7pF
Input Pull-up Resistor
RPU
ENS
100
240
400
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Oscillation Frequency
fX
Fundamental
oscillation
16.5
33.4
MHz
Input Frequency
fIN
XIN
16.5
33.4
MHz
Output Frequency
fOUT
CKOUT, 2-frequency
division
8.3
16.7
MHz
Input Clock Duty Cycle
XIN, 16.5 to 33.4 MHz
40
50
60
%
Output Clock Duty Cycle
tDCC
CKOUT, 1.5 V
40
60
%
Output Slew Rate
CKOUT, 0.4 to 2.4 V,
load capacitance 15 pF
0.5
TBD
3.0
V/ns
Cycle to Cycle Jitter
tJC
No load, standard
deviation
TBD
200
ps
Lock Time
tLK
CKOUT
2
5
ms
Modulation Frequency
fMOD
CKOUT=TBD
33
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com