Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS7151A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS7151A Datasheet HTML 1Page - Integrated Circuit Systems ICS7151A Datasheet HTML 2Page - Integrated Circuit Systems ICS7151A Datasheet HTML 3Page - Integrated Circuit Systems ICS7151A Datasheet HTML 4Page - Integrated Circuit Systems ICS7151A Datasheet HTML 5Page - Integrated Circuit Systems ICS7151A Datasheet HTML 6Page - Integrated Circuit Systems ICS7151A Datasheet HTML 7Page - Integrated Circuit Systems ICS7151A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS7151A-50
MDS 7151A-50 A
1
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Spread Spectrum Clock Generator
Description
The ICS7151A-50 is a clock generator for EMI
(Electromagnetic Interference) reduction. Spectral
peaks are attenuated by modulating the system clock
frequency. Down or center spread profiles are
selectable. Down spread will not exceed the maximum
frequency of an unspread clock, and center spread
does not change the average operating frequency of
the system
ICS offers many other clocks for computers and
computer peripherals. Consult ICS when you need to
remove crystals and oscillators from your board.
Features
Operating voltage of 3.3 V ±0.3 V
Packaged in 8-pin SOIC
Available in Pb (lead) free package
Input frequency range of 16.5 to 33.4 MHz
Output frequency ranges of 8.3 to 16.7 MHz
Provides a spread spectrum clock output (±0.5%,
±1.5% center spread; -1.0%, -3.0% down spread)
Multiplication rate of x1/2
Advanced, low-power CMOS process
Pin compatible with the Fujitsu MB88151-500
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
S1:0
ENS
CKOUT
2
GND
VDD
Clock Buffer/
Crystal
Ocsillator
XIN
XOUT
External caps required with crystal for
accurate tuning of the clock


Similar Part No. - ICS7151A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS7151 ICST-ICS7151 Datasheet
169Kb / 8P
Spread Spectrum Clock Generator
Revision 012306
logo
Integrated Device Techn...
ICS7151 IDT-ICS7151 Datasheet
204Kb / 9P
SPREAD SPECTRUM CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS7151M-10 ICST-ICS7151M-10 Datasheet
169Kb / 8P
Spread Spectrum Clock Generator
Revision 012306
ICS7151M-10LF ICST-ICS7151M-10LF Datasheet
169Kb / 8P
Spread Spectrum Clock Generator
Revision 012306
ICS7151M-10LFT ICST-ICS7151M-10LFT Datasheet
169Kb / 8P
Spread Spectrum Clock Generator
Revision 012306
More results

Similar Description - ICS7151A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com