Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-N Datasheet(PDF) 10 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 6Page - STMicroelectronics NAND01G-N Datasheet HTML 7Page - STMicroelectronics NAND01G-N Datasheet HTML 8Page - STMicroelectronics NAND01G-N Datasheet HTML 9Page - STMicroelectronics NAND01G-N Datasheet HTML 10Page - STMicroelectronics NAND01G-N Datasheet HTML 11Page - STMicroelectronics NAND01G-N Datasheet HTML 12Page - STMicroelectronics NAND01G-N Datasheet HTML 13Page - STMicroelectronics NAND01G-N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Summary description
NAND01G-N
10/23
Rev1.0
Figure 2.
TFBGA107 connections, x16 Bus Width (Top view through package)
AI10143c
VDDD
A8
DQM1
NC
VSSD
KE
A12
DQM0
H
A9
D
R
C
DQ4
A1
B
NC
A3
A
8
7
6
5
4
3
2
1
VSSD
VDDQD
G
F
E
VDDQD
DU
WP
A0
BA0
DQ6
VSSQD
CAS
A11
NC
WF
BA1
A10
DU
VDDD
VSSD
9
NC
A2
ED
M
L
K
J
DU
DQ15
NC
NC
DQ11
NC
I/O6
VDDQD
VSSQD
NC
DQ9
NC
I/O5
DQ13
VDDD
NC
NC
VSSF
VDDF
A7
I/O4
I/O7
A5
DU
DU
VSSQD
A4
DU
P
N
10
NC
RB
DQ2
NC
NC
EF
NC
I/O3
NC
VDDF
I/O2
NC
CL
AL
DQ0
VSSF
NC
I/O1
NC
VSSD
I/O0
K
NC
DQ1
DQ3
DQ5
DQ7
VDDD
DQ10
DQ12
DQ14
VSSF
DQ8
DU
DU
DU
DU
A6
WD
NC
RAS
VDDF
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com