Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-N Datasheet(PDF) 15 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 11Page - STMicroelectronics NAND01G-N Datasheet HTML 12Page - STMicroelectronics NAND01G-N Datasheet HTML 13Page - STMicroelectronics NAND01G-N Datasheet HTML 14Page - STMicroelectronics NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics NAND01G-N Datasheet HTML 17Page - STMicroelectronics NAND01G-N Datasheet HTML 18Page - STMicroelectronics NAND01G-N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
NAND01G-N
Signals description
Rev1.0
15/23
2.19
LPSDRAM Clock Input (K)
The Clock signal, K, is used to clock the Read and Write cycles on the LPSDRAM. During
normal operation, the Clock Enable pin, KE, is High, VIH. The clock signal K can be
suspended to switch the device to the Self-Refresh, Power-Down or Deep Power-Down
mode by driving KE Low, VIL.
2.20
LPSDRAM Clock Input (K)
The Clock signal, K, is only available on the DDR LPSDRAM. It is used in conjunction with
the Clock signal, K.
All LPSDRAM input signals except DQM0/DQM1, UDQS/LDQS and DQ0-DQ15 are
referred to the cross point of K rising edge and K falling edge.
2.21
LPSDRAM Clock Enable (KE)
The Clock Enable, KE, pin is used by the LPSDRAM to control the synchronizing of the
signals with Clock signal K (and K on DDR LPSDRAM). If KE is High, VIH, the next Clock
rising edge is valid. When KE is Low, VIL, the signals are no longer clocked and data Read
and Write cycles are extended. KE is also involved in switching the device to the Self-
Refresh, Power-Down and Deep Power-Down modes.
2.22
LPSDRAM Lower/Upper Data Input/Output Mask (DQM0,
DQM1)
Data Mask Enable Inputs are used to mask the Read or Write data.
2.23
Lower/Upper Data Read/Write Strobe Input/Output (LDQS,
UDQS)
LDQS and UDQS are only available on the DDR LPSDRAM. They can be either input or
output signals and act as write data strobe and read data strobe respectively. LDQS and
UDQS are the strobe signals for DQ0 to DQ7 and DQ8 to DQ15, respectively.
2.24
LPSDRAM VDDD supply voltage
VDDD provides the power supply to the internal core of the LPSDRAM. It is the main power
supply for all operations (Read and Write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com