Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-N Datasheet(PDF) 12 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 8Page - STMicroelectronics NAND01G-N Datasheet HTML 9Page - STMicroelectronics NAND01G-N Datasheet HTML 10Page - STMicroelectronics NAND01G-N Datasheet HTML 11Page - STMicroelectronics NAND01G-N Datasheet HTML 12Page - STMicroelectronics NAND01G-N Datasheet HTML 13Page - STMicroelectronics NAND01G-N Datasheet HTML 14Page - STMicroelectronics NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Signals description
NAND01G-N
12/23
Rev1.0
2
Signals description
See Figure 1 in conjunction with Table 2, for a brief overview of the signals connected to this
device.
For extra details on the signals, refer to the NAND Flash and the LPSDRAM datasheets.
2.1
Flash memory Inputs/Outputs (I/O0-I/O7)
Input/Outputs 0 to 7 are used by the NAND Flash memory to input the selected address,
output the data during a Read operation or input a command or data during a Write
operation. The inputs are latched on the rising edge of Write Enable. I/O0-I/O7 are left
floating when the NAND Flash memory is deselected or the outputs are disabled.
2.2
Flash memory Inputs/Outputs (I/O8-I/O15)
Input/Outputs 8 to 15 are only available in x16 NAND Flash devices. They are used to output
the data during a Read operation or input data during a Write operation. Command and
Address Inputs only require I/O0 to I/O7.
The inputs are latched on the rising edge of Write Enable. I/O8-I/O15 are left floating when
the device is deselected or the outputs are disabled.
2.3
Flash memory Address Latch Enable (AL)
The Address Latch Enable activates the latching of the Address inputs in the Command
Interface of the NAND Flash memory. When AL is high, the inputs are latched on the rising
edge of Write Enable.
2.4
Flash memory Command Latch Enable (CL)
The Command Latch Enable activates the latching of the Command inputs in the Command
Interface of the NAND Flash memory. When CL is high, the inputs are latched on the rising
edge of Write Enable.
2.5
Flash memory Chip Enable (EF)
The NAND Flash memory Chip Enable input activates the memory control logic, input
buffers, decoders and sense amplifiers. When Chip Enable is low, VIL, the NAND Flash
memory device is selected. If Chip Enable goes high, vIH, while the NAND Flash memory is
busy, the device remains selected and does not go into standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com