Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4712 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 15Page - Microchip Technology USB4712 Datasheet HTML 16Page - Microchip Technology USB4712 Datasheet HTML 17Page - Microchip Technology USB4712 Datasheet HTML 18Page - Microchip Technology USB4712 Datasheet HTML 19Page - Microchip Technology USB4712 Datasheet HTML 20Page - Microchip Technology USB4712 Datasheet HTML 21Page - Microchip Technology USB4712 Datasheet HTML 22Page - Microchip Technology USB4712 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 19
USB4712
7.0
DEVICE INTERFACES
The USB4712 provides multiple interfaces for configuration, external memory access, etc. This section details the var-
ious device interfaces and their usage:
• SPI/SQI Master Interface
• SMBus/I2C Master/Slave Interfaces
• UART Interface
7.1
SPI/SQI Master Interface
The SPI/SQI controller has two basic modes of operation: execution of an external hub firmware image, or the USB to
SPI bridge. On power up, the firmware looks for an external SPI flash device that contains a valid signature of 2DFU
(device firmware upgrade) beginning at address 0xFFFA. If a valid signature is found, then the external ROM mode is
enabled and the code execution begins at address 0x0000 in the external SPI device. If a valid signature is not found,
then execution continues from internal ROM and the SPI interface can be used as a USB to SPI bridge.
The second mode of operation is the USB to SPI bridge operation. Additional details on this feature can be found in
Section 8.5, "USB to SPI Bridging" as well as the AN2430 - USB to SPI Bridging with USB4715 and USB49xx application
note.
Table 7-1 details how the associated pins are mapped in SPI vs. SQI mode
7.2
SMBus/I2C Master/Slave Interfaces
The USB4712 provides two independent SMBus/I2C controllers SMBus 1 and SMBus 2, which can be used to access
internal device run time registers or program the internal OTP memory. SMBus 1 is used as the USB to SMBus/I2C
bridge, and SMBus 2 is used as the slave interface. The device contains two 128 byte buffers to enable simultaneous
master/slave operation and to minimize firmware overhead in processed SMBus/I2C packets.
Note:
For details on how to enable each interface, refer to Section 3.3, "Configuration Straps and Programmable
Functions".
For information on device connections, refer to Section 4.0, "Device Connections". For information on
device configuration, refer to Section 6.0, "Device Configuration".
Microchip provides a comprehensive software programming tool, MPLAB Connect (formerly ProTouch2),
for configuring the USB4712 functions, registers and OTP memory. All configuration is to be performed via
the MPLAB Connect Configurator programming tool. For additional information on this tool, refer to th
MPLAB Connect Configurator programming tool product page at http://www.microchip.com/design-cen-
ters/usb/mplab-connect-configurator.
TABLE 7-1:
SPI/SQI PIN USAGE
SPI Mode
SQI Mode
Description
SPI_CE_N
SQI_CE_N
SPI/SQI Chip Enable (Active Low)
SPI_CLK
SQI_CLK
SPI/SQI Clock
SPI_DO
SQI_D0
SPI Data Out; SQI Data I/O 0
SPI_DI
SQI_D1
SPI Data In; SQI Data I/O 1
-
SQI_D2
SQI Data I/O 2
-
SQI_D3
SQI Data I/O 3
Note:
For SPI timing information, refer to Section 9.6.7, "SPI/SQI Timing".
Note:
For SMBus/I2C timing information, refer to Section 9.6.5, "SMBus Timing" and Section 9.6.6, "I2C Timing".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com