Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4712 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 18Page - Microchip Technology USB4712 Datasheet HTML 19Page - Microchip Technology USB4712 Datasheet HTML 20Page - Microchip Technology USB4712 Datasheet HTML 21Page - Microchip Technology USB4712 Datasheet HTML 22Page - Microchip Technology USB4712 Datasheet HTML 23Page - Microchip Technology USB4712 Datasheet HTML 24Page - Microchip Technology USB4712 Datasheet HTML 25Page - Microchip Technology USB4712 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
USB4712
DS00002774G-page 22
 2018-2021 Microchip Technology Inc.
Note 8-1
The Auto-FlexConnect feature requires that USB Battery Charging (BC1.2) be enabled.
For detailed information on utilizing the USB4712 FlexConnect feature, refer to the application note “USB4712 Auto-
FlexConnect Operation
”.
8.3
USB to GPIO Bridging
The USB to GPIO bridging feature of the USB4712 provides system designers expanded system control and potential
BOM reduction. General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input
functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB4712 USB to GPIO bridging feature, refer to the application note “USB to
GPIO Bridging with Microchip USB4712 Hub
”.
8.4
USB to SMBus/I2C Bridging
The USB to SMBus/I2C bridging feature of the USB4712 provides system designers expanded system control and
potential BOM reduction. The use of a separate USB to SMBus/I2C device is no longer required and a downstream USB
port is not lost, as occurs when a standalone USB to SMBus/I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Configure SMBus/I2C Pass-Through Interface
•SMBus/I2C Write
•SMBus/I2C Read
For detailed information on utilizing the USB4712 USB to SMBus/I2C bridging feature, refer to the application note
“AN2438 - USB to I2C Bridging with Microchip USB4712 Hub”.
8.5
USB to SPI Bridging
The USB to SPI bridging feature of the USB4712 provides system designers expanded system control and potential
BOM reduction. The use of a separate USB to SPI device is no longer required and a downstream USB port is not lost,
as occurs when a standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read
• Disable SPI Pass-Through Interface
For detailed information on utilizing the USB4712 USB to SPI bridging feature, refer to the application note “USB to SPI
Bridging with Microchip USB4712 Hub
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com